Electronic Components Datasheet Search
  English  ▼

X  

CS4245 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4245
Description  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4245 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4245 Datasheet HTML 17Page - Cirrus Logic CS4245 Datasheet HTML 18Page - Cirrus Logic CS4245 Datasheet HTML 19Page - Cirrus Logic CS4245 Datasheet HTML 20Page - Cirrus Logic CS4245 Datasheet HTML 21Page - Cirrus Logic CS4245 Datasheet HTML 22Page - Cirrus Logic CS4245 Datasheet HTML 23Page - Cirrus Logic CS4245 Datasheet HTML 24Page - Cirrus Logic CS4245 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
DS656F2
21
CS4245
DIGITAL INTERFACE CHARACTERISTICS
Test conditions (unless otherwise specified): AGND = DGND = 0 V; VLS = VLC = 1.71 V to 5.25 V.
26. Serial Port signals include: MCLK1, MCLK2, SCLK1, SCLK2, LRCK1, LRCK2, SDIN, SDOUT.
Control Port signals include: SCL/CCLK, SDA/CDOUT, AD0/CS, AD1/CDIN, RESET, INT, OVFL.
27. Guaranteed by design.
Parameters (Note 26)
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VL = 1.71 V
Serial Port
Control Port
VL > 2.0 V
Serial Port
Control Port
VIH
VIH
VIH
VIH
0.8xVLS
0.8xVLC
0.7xVLS
0.7xVLC
-
-
-
-
-
-
-
-
V
V
V
V
Low-Level Input Voltage
Serial Port
Control Port
VIL
VIL
-
-
-
-
0.2xVLS
0.2xVLC
V
V
High-Level Output Voltage at Io = 2 mA
Serial Port
Control Port
MUTEC
VOH
VOH
VOH
VLS-1.0
VLC-1.0
VA-1.0
-
-
-
-
-
-
V
V
V
Low-Level Output Voltage at Io = 2 mA
Serial Port
Control Port
MUTEC
VOL
VOL
VOL
-
-
-
-
-
-
0.4
0.4
0.4
V
V
V
Input Leakage Current
Iin
--
±10
μA
Input Capacitance
(Note 27)
--
1
pF
Maximum MUTEC Drive Current
-
3
-
mA
Minimum OVFL Active Time
-
-
μs
10
6
LRCK1
--------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com