Electronic Components Datasheet Search
  English  ▼

X  

CS4245 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS4245
Description  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4245 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS4245 Datasheet HTML 41Page - Cirrus Logic CS4245 Datasheet HTML 42Page - Cirrus Logic CS4245 Datasheet HTML 43Page - Cirrus Logic CS4245 Datasheet HTML 44Page - Cirrus Logic CS4245 Datasheet HTML 45Page - Cirrus Logic CS4245 Datasheet HTML 46Page - Cirrus Logic CS4245 Datasheet HTML 47Page - Cirrus Logic CS4245 Datasheet HTML 48Page - Cirrus Logic CS4245 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
DS656F2
45
CS4245
6.5.2
Master Clock 2 Frequency (Bits 2:0)
Function:
These bits set the frequency of the supplied MCLK2 signal. See Table 12 for the appropriate settings.
6.6
Signal Selection - Address 06h
6.6.1
Auxiliary Output Source Select (Bits 6:5)
Function:
These bits are used to select the analog output source. Please refer to Table 13.
6.6.2
Digital Loopback (Bit 1)
Function:
When this bit is set, an internal digital loopback from the ADC to the DAC are enabled. Please refer to
“Internal Digital Loopback” on page 35.
6.6.3
Asynchronous Mode (Bit 0)
Function:
When this bit is set, the DAC and ADC may be operated at independent asynchronous sample rates de-
rived from MCLK1 and MCLK2. When this bit is cleared, the DAC and ADC must operate at synchronous
sample rates derived from MCLK1.
MCLK2 Divider
MCLK2 Freq2 MCLK2 Freq1 MCLK2 Freq0
÷1
000
÷1.5
001
÷2
010
÷3
011
÷4
100
Reserved
101
Reserved
11
x
Table 12. MCLK 2 Frequency
7
6
5
432
10
Reserved
AOutSel1
AOutSel0
Reserved
Reserved
Reserved
LOOP
ASynch
AOutSel1
AOutSel0
Auxiliary Output Source
0
0
High Impedance
0
1
DAC Output
1
0
PGA Output
11
Reserved
Table 13. Auxiliary Output Source Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com