Electronic Components Datasheet Search
  English  ▼

X  

CS4361 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4361
Description  20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4361 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4361 Datasheet HTML 7Page - Cirrus Logic CS4361 Datasheet HTML 8Page - Cirrus Logic CS4361 Datasheet HTML 9Page - Cirrus Logic CS4361 Datasheet HTML 10Page - Cirrus Logic CS4361 Datasheet HTML 11Page - Cirrus Logic CS4361 Datasheet HTML 12Page - Cirrus Logic CS4361 Datasheet HTML 13Page - Cirrus Logic CS4361 Datasheet HTML 14Page - Cirrus Logic CS4361 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
CS4361
Confidential Draft
2/12/08
3. TYPICAL CONNECTION DIAGRAM
DEM/SCLK
14
Audio
Data
Processor
External Clock
MCLK
GND
CS4361
SDIN1
LRCK
VL
AOUT1
6
2
5
7
1
0.1 µF
+
1µF
19
Audio Output
+5 V
3.3 µF
10 k
Ω
C
470
Ω
+
R
+ 470
C=
4
πFs(R
470)
Rext
ext
ext
0.1 µF
33µF
10
VQ
FILT+
11
Note*
Note* = This circuitry is intended for applications where the CS4361 connects
directly to an unbalanced output of the design. For internal routing
applications please see the DAC analog output characteristics for loading
limitations.
For best 20 kHz response
SDIN2
3
SDIN3
4
20
MUTEC
AOUT2 18
AOUT3 17
AOUT4 16
AOUT5 13
AOUT6 12
Optional
Muting
Circuit
RST
8
µControler
MODE
9
+1.8 V to +5 V
VA
15
VL
GND
LRCK
LJ
RJ16
RJ24
I
2S
MCLK
µF
*3.3
µF
*10
*Popguard ramp can be adjusted by selecting
this capacitor value to be 3.3 µF to give 250 ms
ramp time or 10 µF to give a 420 ms ramp time.
or
Figure 6. Recommended Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com