Electronic Components Datasheet Search
  English  ▼

X  

CS4361 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4361
Description  20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4361 Datasheet(HTML) 3 Page - Cirrus Logic

  CS4361 Datasheet HTML 1Page - Cirrus Logic CS4361 Datasheet HTML 2Page - Cirrus Logic CS4361 Datasheet HTML 3Page - Cirrus Logic CS4361 Datasheet HTML 4Page - Cirrus Logic CS4361 Datasheet HTML 5Page - Cirrus Logic CS4361 Datasheet HTML 6Page - Cirrus Logic CS4361 Datasheet HTML 7Page - Cirrus Logic CS4361 Datasheet HTML 8Page - Cirrus Logic CS4361 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
CS4361
Confidential Draft
2/12/08
LIST OF FIGURES
Figure 1.Equivalent Output Test Load ........................................................................................................ 8
Figure 2.Maximum Loading ......................................................................................................................... 8
Figure 3.External Serial Mode Input Timing .............................................................................................. 10
Figure 4.Internal Serial Mode Input Timing ............................................................................................... 10
Figure 5. Internal Serial Clock Generation ................................................................................................ 10
Figure 6.Recommended Connection Diagram .......................................................................................... 11
Figure 7.CS4361 Data Format (I²S) .......................................................................................................... 13
Figure 8.CS4361 Data Format (Left-Justified) .......................................................................................... 13
Figure 9.CS4361 Data Format (Right-Justified 24) ................................................................................... 13
Figure 10.CS4361 Data Format (Right-Justified 16) ................................................................................. 14
Figure 11.De-Emphasis Curve (Fs = 44.1kHz) ......................................................................................... 14
Figure 12.CS4361 Initialization and Power-Down Sequence ................................................................... 15
Figure 13.Suggested Active-Low Mute Circuit .......................................................................................... 17
Figure 14.Single-Speed Stopband Rejection ............................................................................................ 18
Figure 15.Single-Speed Transition Band .................................................................................................. 18
Figure 16.Single-Speed Transition Band .................................................................................................. 18
Figure 17.Single-Speed Passband Ripple ................................................................................................ 18
Figure 18.Double-Speed Stopband Rejection ........................................................................................... 19
Figure 19.Double-Speed Transition Band ................................................................................................. 19
Figure 20.Double-Speed Transition Band ................................................................................................. 19
Figure 21.Double-Speed Passband Ripple ............................................................................................... 19
Figure 22.Quad-Speed Stopband Rejection ............................................................................................. 20
Figure 23.Quad-Speed Transition Band ................................................................................................... 20
Figure 24.Quad-Speed Transition Band ................................................................................................... 20
Figure 25.Quad-Speed Passband Ripple ................................................................................................. 20
LIST OF TABLES
Table 1. Common Clock Frequencies ...................................................................................................... 12
Table 2. Mode Pin Settings ...................................................................................................................... 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com