Electronic Components Datasheet Search
  English  ▼

X  

CS4364 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS4364
Description  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS4364_08 Datasheet HTML 25Page - Cirrus Logic CS4364_08 Datasheet HTML 26Page - Cirrus Logic CS4364_08 Datasheet HTML 27Page - Cirrus Logic CS4364_08 Datasheet HTML 28Page - Cirrus Logic CS4364_08 Datasheet HTML 29Page - Cirrus Logic CS4364_08 Datasheet HTML 30Page - Cirrus Logic CS4364_08 Datasheet HTML 31Page - Cirrus Logic CS4364_08 Datasheet HTML 32Page - Cirrus Logic CS4364_08 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
DS619F1
29
CS4364
converted incorrectly by the Hardware Mode settings).
4.
Set the PDN bit to 0. This will initiate the power-up sequence, which lasts approximately 50 µs.
4.13
Recommended Procedure for Switching Operational Modes
For systems where the absolute minimum in clicks and pops is required, it is recommended that the MUTE
bits are set prior to changing significant DAC functions (such as changing sample rates or clock sources).
The mute bits may then be released after clocks have settled and the proper modes have been set.
It is required to have the device held in reset if the minimum high/low time specs of MCLK can not be met
during clock source changes.
4.14
Control Port Interface
The control port is used to load all the internal register settings in order to operate in Software Mode (see
the “Parameter Definitions” on page 47). The operation of the control port may be completely asynchronous
with the audio sample rate. However, to avoid potential interference problems, the control port pins should
remain static if no operation is required.
The control port operates in one of two modes: I²C or SPI.
4.14.1
MAP Auto Increment
The device has MAP (memory address pointer) auto increment capability enabled by the INCR bit (also
the MSB) of the MAP. If INCR is set to 0, MAP will stay constant for successive I²C writes or reads and
SPI writes. If INCR is set to 1, MAP will auto increment after each byte is written, allowing block reads or
writes of successive registers.
4.14.2
I²C Mode
In the I²C Mode, data is clocked into and out of the bi-directional serial control data line, SDA, by the serial
control port clock, SCL (see Figure 22 for the clock to data relationship). There is no CS pin. Pin AD0 en-
ables the user to alter the chip address (001100[AD0][R/W]) and should be tied to VLC or GND as re-
quired, before powering up the device. If the device ever detects a high to low transition on the AD0/CS
pin after power-up, SPI Mode will be selected.
4.14.2.1 I²C Write
To write to the device, follow the procedure below while adhering to the control port Switching Specifica-
tions in Section 2.
1.
Initiate a START condition to the I²C bus followed by the address byte. The upper 6 bits must be
001100. The seventh bit must match the setting of the AD0 pin, and the eighth must be 0. The eighth
bit of the address byte is the R/W bit.
2.
Wait for an acknowledge (ACK) from the part, then write to the memory address pointer, MAP. This
byte points to the register to be written.
3.
Wait for an acknowledge (ACK) from the part, then write the desired data to the register pointed to by
the MAP.
4.
If the INCR bit (see Section 4.14.1) is set to 1, repeat the previous step until all the desired registers
are written, then initiate a STOP condition to the bus.
5.
If the INCR bit is set to 0 and further I²C writes to other registers are desired, it is necessary to initiate
a repeated START condition and follow the procedure detailed from step 1. If no further writes to other
registers are desired, initiate a STOP condition to the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com