Electronic Components Datasheet Search
  English  ▼

X  

CS4364 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS4364
Description  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS4364_08 Datasheet HTML 33Page - Cirrus Logic CS4364_08 Datasheet HTML 34Page - Cirrus Logic CS4364_08 Datasheet HTML 35Page - Cirrus Logic CS4364_08 Datasheet HTML 36Page - Cirrus Logic CS4364_08 Datasheet HTML 37Page - Cirrus Logic CS4364_08 Datasheet HTML 38Page - Cirrus Logic CS4364_08 Datasheet HTML 39Page - Cirrus Logic CS4364_08 Datasheet HTML 40Page - Cirrus Logic CS4364_08 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
DS619F1
37
CS4364
6.5
Filter Control (Address 05h)
6.5.1
Interpolation Filter Select (FILT_SEL)
Function:
When set to 0 (default), the Interpolation Filter has a fast roll off.
When set to 1, the Interpolation Filter has a slow roll off.
The specifications for each filter can be found in the Analog characteristics table, and response plots can
be found in Figures 22 to 45.
6.6
Invert Control (Address 06h)
6.6.1
Invert Signal Polarity (INV_xx)
Function:
When set to 1, this bit inverts the signal polarity of channel xx.
When set to 0 (default), this function is disabled.
6.7
Group Control (Address 07h)
6.7.1
Mute Pin Control (MUTEC1, MUTEC0)
Default = 00
00 - Six mute control signals
01, 10 - One mute control signal
11 - Three mute control signals
Function:
Selects how the internal mute control signals are routed to the MUTEC1 through MUTEC6 pins. When
set to ‘00’, there is one mute control signal for each channel: AOUT1A on MUTEC1, AOUT1B on
MUTEC2, etc. When set to ‘01’ or ‘10’, there is a single mute control signal on the MUTEC1 pin. When
set to ‘11’, there are three mute control signals, one for each stereo pair: AOUT1A and AOUT1B on
MUTEC1, AOUT2A and AOUT2B on MUTEC2, and AOUT3A and AOUT3B on MUTEC3.
6.7.2
Channel A Volume = Channel B Volume (Px_A=B)
Default = 0
0 - Disabled
1 - Enabled
7
6
5
432
10
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
FILT_SEL
0
0
0
000
00
7
6
5
432
10
Reserved
Reserved
INV_B3
INV_A3
INV_B2
INV_A2
INV_B1
INV_A1
0
0
0
000
00
7
6
5
432
10
MUTEC1
MUTEC0
Reserved
P1_A=B
P2_A=B
P3_A=B
Reserved
SNGLVOL
0
0
0
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com