Electronic Components Datasheet Search
  English  ▼

X  

CS4364 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS4364
Description  103 dB, 192 kHz 6-Channel D/A Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4364 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS4364_08 Datasheet HTML 38Page - Cirrus Logic CS4364_08 Datasheet HTML 39Page - Cirrus Logic CS4364_08 Datasheet HTML 40Page - Cirrus Logic CS4364_08 Datasheet HTML 41Page - Cirrus Logic CS4364_08 Datasheet HTML 42Page - Cirrus Logic CS4364_08 Datasheet HTML 43Page - Cirrus Logic CS4364_08 Datasheet HTML 44Page - Cirrus Logic CS4364_08 Datasheet HTML 45Page - Cirrus Logic CS4364_08 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
42
DS619F1
CS4364
6.11
Volume Control (Address 0Bh, 0Ch, 0Eh, 0Fh, 11h, 12h)
These six registers provide individual volume and mute control for each of the six channels.
The values for “xx” in the bit fields above are as follows:
Register address 0Bh - xx = A1
Register address 0Ch - xx = B1
Register address 0Eh - xx = A2
Register address 0Fh - xx = B2
Register address 11h - xx = A3
Register address 12h - xx = B3
6.11.1
Digital Volume Control (xx_VOL7:0)
Default = 00h (0 dB)
Function:
The Digital Volume Control registers allow independent control of the signal levels in 1/2 dB increments
from 0 to -127.5 dB. Volume settings are decoded as shown in Table 10. The volume changes are imple-
mented as dictated by the Soft and Zero Cross bits in the Power and Muting Control register. Note that
the values in the volume setting column in Table 10 are approximate. The actual attenuation is determined
by taking the decimal value of the volume register and multiplying by 6.02/12.
6.12
PCM Clock Mode (Address 16h)
6.12.1
Master Clock Divide by 2 Enable (MCLKDIV)
Function:
When set to 1, the MCLKDIV bit enables a circuit which divides the externally applied MCLK signal by 2
prior to all other internal circuitry.
When set to 0 (default), MCLK is unchanged.
76
543
21
0
xx_VOL7
xx_VOL6
xx_VOL5
xx_VOL4
xx_VOL3
xx_VOL2
xx_VOL1
xx_VOL0
00
000
00
0
Binary Code
Decimal Value
Volume Setting
00000000
0
0 dB
00000001
1
-0.5 dB
00000110
6
-3.0 dB
11111111
255
-127.5 dB
Table 10. Example Digital Volume Settings
76
543
21
0
Reserved
Reserved
MCLKDIV
Reserved
Reserved
Reserved
Reserved
Reserved
00
000
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com