Electronic Components Datasheet Search
  English  ▼

X  

CS4334 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4334
Description  8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4334 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4334 Datasheet HTML 12Page - Cirrus Logic CS4334 Datasheet HTML 13Page - Cirrus Logic CS4334 Datasheet HTML 14Page - Cirrus Logic CS4334 Datasheet HTML 15Page - Cirrus Logic CS4334 Datasheet HTML 16Page - Cirrus Logic CS4334 Datasheet HTML 17Page - Cirrus Logic CS4334 Datasheet HTML 18Page - Cirrus Logic CS4334 Datasheet HTML 19Page - Cirrus Logic CS4334 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
DS248F5
CS4334/5/8/9
Confidential Draft
3/11/08
LR C K
SC L K
Left C h a n nel
R igh t C h ann el
SDA T A
654321
0
98
7
15 14 13 12 11 10
6543
210
98
7
15 14 13 12 11 10
32 clocks
Internal SCLK Mode
External SCLK Mode
Right Justified, 16-Bit Data
INT SCLK = 32 Fs if MCLK/LRCK = 512, 256 or 128
INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
Right Justified, 16-Bit Data
Data Valid on Rising Edge of SCLK
SCLK Must Have at Least 32 Cycles per LRCK Period
Figure 12. CS4338 Data Format
LR C K
SCL K
Left C hann el
R ight C h annel
SD A T A
654
32
10
987
15 14 13 12 11 10
10
6
5
4
321
0
98
7
15 14 13 12 11 10
17 16
17 16
32 clocks
Internal SCLK Mode
External SCLK Mode
Right Justified, 18-Bit Data
INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128
INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
Right Justified, 18-Bit Data
Data Valid on Rising Edge of SCLK
SCLK Must Have at Least 36 Cycles per LRCK Period
Figure 13. CS4339 Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com