Electronic Components Datasheet Search
  English  ▼

X  

CS4334 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4334
Description  8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4334 Datasheet(HTML) 3 Page - Cirrus Logic

  CS4334 Datasheet HTML 1Page - Cirrus Logic CS4334 Datasheet HTML 2Page - Cirrus Logic CS4334 Datasheet HTML 3Page - Cirrus Logic CS4334 Datasheet HTML 4Page - Cirrus Logic CS4334 Datasheet HTML 5Page - Cirrus Logic CS4334 Datasheet HTML 6Page - Cirrus Logic CS4334 Datasheet HTML 7Page - Cirrus Logic CS4334 Datasheet HTML 8Page - Cirrus Logic CS4334 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DS248F5
3
Confidential Draft
3/11/08
CS4334/5/8/9
Figure 18. Passband Ripple...................................................................................................................... 18
Figure 19. Stopband Rejection.................................................................................................................. 19
Figure 20. Transition Band........................................................................................................................ 19
Figure 21. Transition Band........................................................................................................................ 19
Figure 22. Passband Ripple...................................................................................................................... 19
Figure 23. 0 dBFS FFT (BRM) .................................................................................................................. 20
Figure 24. -60 dBFS FFT (BRM).............................................................................................................. 20
Figure 25. Idle Channel Noise FFT (BRM)................................................................................................ 20
Figure 26. Twin Tone IMD FFT (BRM)...................................................................................................... 20
Figure 27. THD+N vs. Amplitude (BRM) ................................................................................................... 20
Figure 28. THD+N vs. Frequency (BRM) .................................................................................................. 20
Figure 29. 0 dBFS FFT (HRM).................................................................................................................. 21
Figure 30. -60 dBFS FFT (HRM).............................................................................................................. 21
Figure 31. Idle Channel Noise FFT (HRM) ............................................................................................... 21
Figure 32. Twin Tone IMD FFT (HRM) ..................................................................................................... 21
Figure 33. THD+N vs. Amplitude (HRM)................................................................................................... 21
Figure 34. THD+N vs. Frequency (HRM)................................................................................................. 21
LIST OF TABLES
Table 1. Common Clock Frequencies ...................................................................................................... 13
PIN DESCRIPTIONS
No.
Pin Name
I/O
Pin Function and Description
1SDATA
I
Serial Audio Data Input - Two’s complement MSB-first serial data is input on this pin. The data is
clocked into the CS4334/5/8/9 via internal or external SCLK, and the channel is determined by
LRCK.
2DEM/SCLK
I
De-Emphasis/External Serial Clock Input - Used for de-emphasis filter control or external serial
clock input.
3
LRCK
I
Left/Right Clock - Determines which channel is currently being input on the Audio Serial Data
Input pin, SDATA.
4MCLK
I
Master Clock - Frequency must be 256x, 384x, or 512x the input sample rate in BRM and either
128x or 192x the input sample rate in HRM.
5AOUTR
O
Analog Right Channel Output - Typically 3.5 Vp-p for a full-scale input signal.
6AGND
I
Analog Ground - Analog ground reference is 0V.
7VA
I
Analog Power - Analog power supply is nominally +5 V.
8AOUTL
O
Analog Left Channel Output - Typically 3.5 Vp-p for a full-scale input signal.
SERIAL DATA INPUT
SDATA
AOUTL
ANALOG LEFT CHANNEL OUTPUT
DE-EMPHASIS / SCLK
DEM/SCLK
VA
ANALOG POWER
LEFT / RIGHT CLOCK
LRCK
AGND
ANALOG GROUND
MASTER CLOCK
MCLK
AOUTR
ANALOG RIGHT CHANNEL OUTPUT
7
2
6
3
5
4
8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com