Electronic Components Datasheet Search
  English  ▼

X  

CDB4365 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CDB4365
Description  114 dB, 192 kHz 6-Channel D/A Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4365 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CDB4365 Datasheet HTML 44Page - Cirrus Logic CDB4365 Datasheet HTML 45Page - Cirrus Logic CDB4365 Datasheet HTML 46Page - Cirrus Logic CDB4365 Datasheet HTML 47Page - Cirrus Logic CDB4365 Datasheet HTML 48Page - Cirrus Logic CDB4365 Datasheet HTML 49Page - Cirrus Logic CDB4365 Datasheet HTML 50Page - Cirrus Logic CDB4365 Datasheet HTML 51Page - Cirrus Logic CDB4365 Datasheet HTML 52Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
DS670F2
49
CS4365
8. PARAMETER DEFINITIONS
Total Harmonic Distortion + Noise (THD+N)
The ratio of the rms value of the signal to the rms sum of all other spectral components over the specified
bandwidth (typically 10 Hz to 20 kHz), including distortion components. Expressed in decibels.
Dynamic Range
The ratio of the full-scale rms value of the signal to the rms sum of all other spectral components over the
specified bandwidth. Dynamic range is a signal-to-noise measurement over the specified bandwidth
made with a -60 dBFS signal. 60 dB is then added to the resulting measurement to refer the measure-
ment to full scale. This technique ensures that the distortion components are below the noise level and
do not affect the measurement. This measurement technique has been accepted by the Audio Engineer-
ing Society, AES17-1991, and the Electronic Industries Association of Japan, EIAJ CP-307.
Interchannel Isolation
A measure of crosstalk between the left and right channels. Measured for each channel at the converter's
output with all zeros to the input under test and a full-scale signal applied to the other channel. Units in
decibels.
Interchannel Gain Mismatch
The gain difference between left and right channels. Units in decibels.
Gain Drift
The change in gain value with temperature. Units in ppm/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com