Electronic Components Datasheet Search
  English  ▼

X  

CDB4365 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB4365
Description  114 dB, 192 kHz 6-Channel D/A Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4365 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB4365 Datasheet HTML 17Page - Cirrus Logic CDB4365 Datasheet HTML 18Page - Cirrus Logic CDB4365 Datasheet HTML 19Page - Cirrus Logic CDB4365 Datasheet HTML 20Page - Cirrus Logic CDB4365 Datasheet HTML 21Page - Cirrus Logic CDB4365 Datasheet HTML 22Page - Cirrus Logic CDB4365 Datasheet HTML 23Page - Cirrus Logic CDB4365 Datasheet HTML 24Page - Cirrus Logic CDB4365 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
DS670F2
21
CS4365
4. APPLICATIONS
The CS4365 serially accepts two’s complement formatted PCM data at standard audio sample rates including 48,
44.1 and 32 kHz in SSM, 96, 88.2 and 64 kHz in DSM, and 192, 176.4 and 128 kHz in QSM. Audio data is input via
the serial data input pins (SDINx). The Left/Right Clock (LRCK) determines which channel is currently being input
on SDINx, and the Serial Clock (SCLK) clocks audio data into the input data buffer. For more information on serial
audio interfaces, see Cirrus Application Note AN282, “The 2-Channel Serial Audio Interface: A Tutorial.”
The CS4365 can be configured in Hardware Mode by the M0, M1, M2, M3 and M4 pins and in Software Mode
through I²C or SPI.
4.1
Master Clock
MCLK/LRCK must be an integer ratio as shown in Tables 1 - 3. The LRCK frequency is equal to Fs, the
frequency at which words for each channel are input to the device. The MCLK-to-LRCK frequency ratio and
speed mode is detected automatically during the initialization sequence by counting the number of MCLK
transitions during a single LRCK period and by detecting the absolute speed of MCLK. Internal dividers are
then set to generate the proper internal clocks. Tables 1 - 3 illustrate several standard audio sample rates
and the required MCLK and LRCK frequencies. Please note there is no required phase relationship, but
MCLK, LRCK and SCLK must be synchronous.
Table 1. Single-Speed Mode Standard Frequencies
Table 2. Double-Speed Mode Standard Frequencies
Table 3. Quad-Speed Mode Standard Frequencies
Sample Rate
(kHz)
MCLK (MHz)
256x
384x
512x
768x
1024x
1152x
32
8.1920
12.2880
16.3840
24.5760
32.7680
36.8640
44.1
11.2896
16.9344
22.5792
33.8688
45.1584
48
12.2880
18.4320
24.5760
36.8640
49.1520
= Denotes clock ratio and sample rate combinations which are NOT supported under auto speed-
mode detection. Please see “Switching Characteristics - PCM” on page 15.
Sample Rate
(kHz)
MCLK (MHz)
128x
192x
256x
384x
512x
64
8.1920
12.2880
16.3840
24.5760
32.7680
88.2
11.2896
16.9344
22.5792
33.8688
45.1584
96
12.2880
18.4320
24.5760
36.8640
49.1520
= Denotes clock ratio and sample rate combinations which are NOT supported under auto speed-
mode detection. Please see “Switching Characteristics - PCM” on page 15.
Sample Rate
(kHz)
MCLK (MHz)
64x
96x
128x
192x
256x
176.4
11.2896
16.9344
22.5792
33.8688
45.1584
192
12.2880
18.4320
24.5760
36.8640
49.1520
= Denotes clock ratio and sample rate combinations which are NOT supported under auto speed-
mode detection. Please see “Switching Characteristics - PCM” on page 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com