Electronic Components Datasheet Search
  English  ▼

X  

CDB4365 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB4365
Description  114 dB, 192 kHz 6-Channel D/A Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4365 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB4365 Datasheet HTML 9Page - Cirrus Logic CDB4365 Datasheet HTML 10Page - Cirrus Logic CDB4365 Datasheet HTML 11Page - Cirrus Logic CDB4365 Datasheet HTML 12Page - Cirrus Logic CDB4365 Datasheet HTML 13Page - Cirrus Logic CDB4365 Datasheet HTML 14Page - Cirrus Logic CDB4365 Datasheet HTML 15Page - Cirrus Logic CDB4365 Datasheet HTML 16Page - Cirrus Logic CDB4365 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
DS670F2
13
CS4365
COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
(CONTINUED)
DSD COMBINED DIGITAL & ON-CHIP ANALOG FILTER RESPONSE
Parameter
Slow Roll-Off (Note 8)
Unit
Min
Typ
Max
Single-Speed Mode - 48 kHz
Passband (Note 9)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
0.417
0.499
Fs
Fs
Frequency Response
10 Hz to 20 kHz
-0.01
-
+0.01
dB
StopBand
.583
-
-
Fs
StopBand Attenuation
(Note 10)
64
-
-
dB
Group Delay
-
7.8/Fs
-
s
De-emphasis Error (Note 11)
Fs = 32 kHz
(Relative to 1 kHz)
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
±0.36
±0.21
±0.14
dB
dB
dB
Double-Speed Mode - 96 kHz
Passband (Note 9)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.296
.499
Fs
Fs
Frequency Response
10 Hz to 20 kHz
-0.01
-
+0.01
dB
StopBand
.792
-
-
Fs
StopBand Attenuation
(Note 10)
70
-
-
dB
Group Delay
-
5.4/Fs
-
s
Quad-Speed Mode - 192 kHz
Passband (Note 9)
to -0.01 dB corner
to -3 dB corner
0
0
-
-
.104
.481
Fs
Fs
Frequency Response
10 Hz to 20 kHz
-0.01
-
+0.01
dB
StopBand
.868
-
-
Fs
StopBand Attenuation
(Note 10)
75
-
-
dB
Group Delay
-
6.6/Fs
-
s
Parameter
Min
Typ
Max
Unit
DSD Processor Mode
Passband (Note 9)
to -3 dB corner
0
-
50
kHz
Frequency Response
10 Hz to 20 kHz
-0.05
-
+0.05
dB
Roll-off
27
-
-
dB/Oct
Direct DSD Mode
Passband (Note 9)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
26.9
176.4
kHz
kHz
Frequency Response 10 Hz to 20 kHz
-0.1
-
0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com