Electronic Components Datasheet Search
  English  ▼

X  

CS5581 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5581
Description  짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5581 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5581 Datasheet HTML 15Page - Cirrus Logic CS5581 Datasheet HTML 16Page - Cirrus Logic CS5581 Datasheet HTML 17Page - Cirrus Logic CS5581 Datasheet HTML 18Page - Cirrus Logic CS5581 Datasheet HTML 19Page - Cirrus Logic CS5581 Datasheet HTML 20Page - Cirrus Logic CS5581 Datasheet HTML 21Page - Cirrus Logic CS5581 Datasheet HTML 22Page - Cirrus Logic CS5581 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
CS5581
DS796PP1
19
3/25/08
14:34
The following figure depicts the CS5581 part powered from a single 5V analog supply and configured for
bipolar measurement, referenced to a common mode voltage of 2.5 V.
Figure 8. CS5581 Configured for Bipolar Measurement Using
a Single 5V Analog Supply
ACOM
AIN
SMODE
CS
4SCLK
4SDO
RDY
CONV
BP/UP
MCLK
RST
TST
VREF-
VREF+
+4.096
Voltage
Reference
(NOTE 1)
+5 V
BUFEN
1. See Section 3.3 Voltage Reference for information on
required voltage reference performance criteria.
2. Locate capacitors so as to minimize loop length.
3. V1-, V2-, and VLR should be connected to the same
ground plane under the chip.
4. SCLK and SDO may require pull-down resistors in
some applications.
NOTES
0.1 µF
(V-) Buffers Off
(V+) Buffers On
0.1 µF
10 µF
V1+
V2+
V1-
V2-
VL
VLR
DCR
+5 V
+3.3 V to 1.8 V
0.1 µF
0.1 µF
X7R
0.1 µF
10
49.9
150pF
2k
4700pF
C0G
0.458 to 4.548 V
CS5571
49.9
150pF
2k
4700pF
C0G
Common Mode Voltage
(2.5 V Typ.)
VLR2
50
VLR3
CS3003 / CS3004
CS3003 / CS3004
CS5581
CS5581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com