Electronic Components Datasheet Search
  English  ▼

X  

CS5581 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5581
Description  짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5581 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5581 Datasheet HTML 16Page - Cirrus Logic CS5581 Datasheet HTML 17Page - Cirrus Logic CS5581 Datasheet HTML 18Page - Cirrus Logic CS5581 Datasheet HTML 19Page - Cirrus Logic CS5581 Datasheet HTML 20Page - Cirrus Logic CS5581 Datasheet HTML 21Page - Cirrus Logic CS5581 Datasheet HTML 22Page - Cirrus Logic CS5581 Datasheet HTML 23Page - Cirrus Logic CS5581 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
CS5581
20
DS796PP1
3/25/08
14:34
3.7 AIN & VREF Sampling Structures
The CS5581 uses on-chip buffers on the AIN and the VREF+ inputs. Buffers provide much higher input
impedance and therefore reduce the amount of drive current required from an external source. This helps
minimize errors.
The Buffer Enable (BUFEN) pin determines if the on-chip buffers are used or not. If the BUFEN pin is
connected to the V1+ supply, the buffers will be enabled. If the BUFEN pin is connected to the V1- pin,
the buffers are off. The converter will consume about 30 mW less power when the buffers are off, but the
input impedances of AIN, ACOM and VREF+ will be significantly less than with the buffers enabled.
3.8 Converter Performance
The CS5581 achieves excellent differential nonlinearity (DNL) as shown in Figures 9 and 10. Figure 9
illustrates the code widths on the typical scale of ±1 LSB. Figure 10 illustrates a zoomed scale of ±0.1
LSB. The DNL error histogram in Figure 10 indicates that more than half the codes are accurate to better
than ±0.01 LSB.
Figure 9. CS5581 DNL Plot
Figure 10. CS5581 DNL Error Plot with DNL Histogram
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
1
65535
Codes
2k
4k
6k
8k
10k
12k
14k
16k
18k
0
0
+0.08
+0.07
+0.06
+0.05
+0.04
+0.03
+0.02
+0.01
-0.01
-0.02
-0.03
-0.04
-0.05
-0.06
-0.07
-0.08
-0.09
-0.1
+0.09
+0.1
Counts per 0.01 LSB Error
-0.10
-0.08
-0.06
-0.04
-0.02
0
+0.02
+0.04
+0.06
+0.08
+0.10
1
65535
Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com