Electronic Components Datasheet Search
  English  ▼

X  

CS5581 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5581
Description  짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5581 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5581 Datasheet HTML 20Page - Cirrus Logic CS5581 Datasheet HTML 21Page - Cirrus Logic CS5581 Datasheet HTML 22Page - Cirrus Logic CS5581 Datasheet HTML 23Page - Cirrus Logic CS5581 Datasheet HTML 24Page - Cirrus Logic CS5581 Datasheet HTML 25Page - Cirrus Logic CS5581 Datasheet HTML 26Page - Cirrus Logic CS5581 Datasheet HTML 27Page - Cirrus Logic CS5581 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
CS5581
24
DS796PP1
3/25/08
14:34
3.10 Serial Port
The serial port on the CS5581 can operate in two different modes: synchronous self clock (SSC) mode &
synchronous external clock (SEC) mode.
3.10.1 SSC Mode
If the SMODE pin is high (SMODE = VL), the serial port operates in the SSC (Synchronous Self Clock)
mode. In the SSC mode the port shifts out conversion data words with SCLK as an output. SCLK is gen-
erated inside the converter from MCLK. Data is output from the SDO (Serial Data Output) pin. If CS is
high, the SDO and SCLK pins will stay in a high-impedance state. If CS is low when RDY falls, the con-
version data word will be output from SDO MSB first. Data is output on the rising edge of SCLK and should
be latched into the external logic on the subsequent rising edge of SCLK. When all bits of the conversion
word are output from the port the RDY signal will return to high.
3.10.2 SEC Mode
If the SMODE pin is low (SMODE = VLR), the serial port operates in the SEC (Synchronous External
Clock mode). In this mode, the user usually monitors RDY. When RDY falls at the end of a conversion,
the conversion data word is placed into the output data register in the serial port. CS is then activated low
to enable data output. Note that CS can be held low continuously if it is not necessary to have the SDO
output operate in the high impedance state. When CS is taken low (after RDY falls) the conversion data
word is then shifted out of the SDO pin by driving the SCLK pin from system logic external to the converter.
Data bits are advanced on rising edges of SCLK and latched by the subsequent rising edge of SCLK.
If CS is held low continuously, the RDY signal will fall at the end of a conversion and the conversion data
will be placed into the serial port. If the user starts a read, the user will maintain control over the serial port
until the port is empty. However, if SCLK is not toggled, the converter will overwrite the conversion data
at the completion of the next conversion. If CS is held low and no read is performed, RDY will rise just
prior to the end of the next conversion and then fall to signal that new data has been written into the serial
port.
3.11 Power Supplies & Grounding
The CS5581 can be configured to operate with its analog supply operating from 5V, or with its analog sup-
plies operating from ±2.5V. The digital interface supports digital logic operating from either 1.8V, 2.5V, or
3.3V.
Figure 6 on page 17 illustrates the device configured to operate from ±2.5V analog. Figure 7 on page 18
illustrates the device configured to operate from 5V analog.
To maximize converter performance, the analog ground and the logic ground for the converter should be
connected at the converter. In the dual analog supply configuration, the analog ground for the ±2.5V sup-
plies should be connected to the VLR pin at the converter with the converter placed entirely over the an-
alog ground plane.
In the single analog supply configuration (+5V), the ground for the +5V supply should be directly tied to
the VLR pin of the converter with the converter placed entirely over the analog ground plane. Refer to
Figure 7 on page 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com