Electronic Components Datasheet Search
  English  ▼

X  

CS42325 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS42325
Description  10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42325 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS42325 Datasheet HTML 47Page - Cirrus Logic CS42325 Datasheet HTML 48Page - Cirrus Logic CS42325 Datasheet HTML 49Page - Cirrus Logic CS42325 Datasheet HTML 50Page - Cirrus Logic CS42325 Datasheet HTML 51Page - Cirrus Logic CS42325 Datasheet HTML 52Page - Cirrus Logic CS42325 Datasheet HTML 53Page - Cirrus Logic CS42325 Datasheet HTML 54Page - Cirrus Logic CS42325 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
DS838A2
51
CS42325
6.6.2
ADC Serial Port Source
This bit selects which serial port provides the sub clocks for the ADC.
6.6.3
ADC Digital Interface Format (ADC_DIF)
These bits configure the serial audio interface format for transmitting digital audio data on SDOUT
6.7
DAC1 Clocking (Address 07h)
6.7.1
DAC1 MCLK Source
This bit selects which MCLK pin provides the clock for DAC1.
6.7.2
DAC1 Serial Port Source
This bit selects which serial port provides the sub clocks for the DAC1.
6.7.3
DAC1 Digital Interface Format (DAC1_DIF)
These bits configure the serial audio interface format for incoming digital audio data on SDIN1.
ADC_SP
ADC sub clock source
0
Serial Port 1 (SCLK1/LRCK1)
1
Serial Port 2 (SCLK2/LRCK2)
ADC_DIF[1:0]
ADC Serial Audio Interface Format
00
Left-Justified, 24-bit data
01
I²S, 24-bit data
10
Reserved
11
Reserved
7
6
5
432
10
Reserved
DAC1_MCLK
Reserved
DAC1_SP
Reserved
Reserved
DAC1_DIF1
DAC1_DIF0
DAC1_MCLK
DAC1 MCLK source
0
MCLK1
1MCLK2
DAC1_SP
DAC1 sub clock source
0
Serial Port 1 (SCLK1/LRCK1)
1
Serial Port 2 (SCLK2/LRCK2)
DAC1_DIF[1:0]
DAC1 Serial Audio Interface Format
00
Left-Justified, up to 24-bit data
01
I²S, up to 24-bit data
10
Right Justified, 16-bit data
11
Right Justified, 24-bit data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com