Electronic Components Datasheet Search
  English  ▼

X  

CS42325 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS42325
Description  10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42325 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS42325 Datasheet HTML 11Page - Cirrus Logic CS42325 Datasheet HTML 12Page - Cirrus Logic CS42325 Datasheet HTML 13Page - Cirrus Logic CS42325 Datasheet HTML 14Page - Cirrus Logic CS42325 Datasheet HTML 15Page - Cirrus Logic CS42325 Datasheet HTML 16Page - Cirrus Logic CS42325 Datasheet HTML 17Page - Cirrus Logic CS42325 Datasheet HTML 18Page - Cirrus Logic CS42325 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
DS838A2
15
CS42325
ADC ANALOG CHARACTERISTICS - AUTOMOTIVE (-DQZ)
Test Conditions (unless otherwise specified): VA = 3.13 V to 3.47 V, VD = 3.13 V to 3.47 V, VL = 1.71 V to 3.47 V,
VA_H = 8.55 V to 12.60 V, GND = GNDH = 0 V; TA = -40° C to +85° C; 997 Hz Input Sine Wave. Decoupling
capacitors, filter capacitors, and recommended input filter as shown in Figure 7 on page 26 and Figure 8 on page
27; Fs = 48 kHz or 96 kHz; Synchronous Mode; Measurement Bandwidth 10 Hz to 20 kHz,
Note:
4.
Referred to the typical line-level full-scale input voltage.
Parameter
Symbol
Min
Typ
Max
Unit
Single-Speed Mode
Dynamic Range
A-weighted
unweighted
85
82
95
92
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 3)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-88
-72
-32
-78
-
-
dB
dB
dB
Double-Speed Mode
Dynamic Range
A-weighted
unweighted
85
82
95
92
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 3)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-88
-72
-32
-78
-
-
dB
dB
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Error
-5
-
+5%
Gain Drift
-
±100
-
ppm/°C
Analog Input Characteristics
Full-scale Input Voltage
0.576•VA
0.606•VA
0.636•VA
Vrms
Input Impedance
-
200
-
k
Ω
Maximum Interchannel Input Impedance Mismatch
-
2
-
%
Interchannel Isolation
(1 kHz)
-
-90
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com