Electronic Components Datasheet Search
  English  ▼

X  

CS42325 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS42325
Description  10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42325 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS42325 Datasheet HTML 51Page - Cirrus Logic CS42325 Datasheet HTML 52Page - Cirrus Logic CS42325 Datasheet HTML 53Page - Cirrus Logic CS42325 Datasheet HTML 54Page - Cirrus Logic CS42325 Datasheet HTML 55Page - Cirrus Logic CS42325 Datasheet HTML 56Page - Cirrus Logic CS42325 Datasheet HTML 57Page - Cirrus Logic CS42325 Datasheet HTML 58Page - Cirrus Logic CS42325 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
DS838A2
55
CS42325
6.11
DAC2 Control (Address 0Ch)
6.11.1
DAC2 De-Emphasis Control
This bit enables the digital filter to apply the standard 15μs/50μs digital de-emphasis filter response for a
sample rate (Fs) of 44.1 kHz. De-emphasis is available only in Single-Speed Mode.
6.11.2
DAC2 Single Volume Control
The individual channel volume levels are independently controlled by their respective Volume Control reg-
isters when this function is disabled. When enabled, the volume on DAC2 channels is determined by the
DAC2A Volume Control register and the DAC2B Volume Control register is ignored.
6.11.3
DAC2 Soft Ramp Control
Soft Ramp allows level changes, both muting and attenuation, to be implemented by incrementally ramp-
ing, in 1/8 dB steps, from the current level to the new level at a rate of 1 dB per 8 left/right clock periods.
6.11.4
DAC2 Zero Cross Control
Zero Cross Enable dictates that signal level changes, either by attenuation changes or muting, will occur
on a signal zero crossing to minimize audible artifacts. The requested level change will occur after a time-
out period between 512 and 1024 sample periods (10.7 ms to 21.3 ms at 48 kHz sample rate) if the signal
does not encounter a zero crossing. The zero cross function is independently monitored and implemented
for each channel.
Soft Ramp and Zero Cross Enable
Soft Ramp and Zero Cross Enable dictate that signal level changes, either by attenuation changes or mut-
ing, will occur in 1/8 dB steps and be implemented on a signal zero crossing. The 1/8 dB level change will
occur after a time-out period between 512 and 1024 sample periods (10.7 ms to 21.3 ms at 48 kHz sam-
ple rate) if the signal does not encounter a zero crossing. The zero cross function is independently mon-
itored and implemented for each channel.
7
6
5
432
10
DAC2_DEPH
DAC2_
SNGVOL
DAC2_SOFT
DAC2_ZC
DAC2_
LOOP_BACK
DAC2_INV
DAC2_MIX1
DAC2_MIX0
DAC2_DEPH
DAC2 De-Emphasis Control
0
Off
1
On (valid for Fs = 44.1 kHz)
DAC2_SNGVOL
DAC2 Single Volume Control
0
Off
1On
DAC2_SOFT
DAC2 Soft Ramp Control
0Off
1
On
DAC2_SOFT
DAC2_ZC
Mode
0
0
Changes to affect immediately
0
1
Zero Cross enabled
1
0
Soft Ramp enabled
1
1
Soft Ramp and Zero Cross enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com