Electronic Components Datasheet Search
  English  ▼

X  

ATF20V8BQL Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF20V8BQL
Description  Highperformance EE PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF20V8BQL Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF20V8BQL Datasheet HTML 3Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 4Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 5Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 6Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 7Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 8Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 9Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 10Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ATF20V8B(Q)(L)
7
Note:
1. Only applicable for version 3.4 or lower.
ATF20V8B Registered Mode
PAL Device Emulation/PAL Replacement. The registered
mode is used if one or more registers are required. Each
macrocell can be configured as either a registered or com-
binatorial output or I/O, or as an input. For a registered out-
put or I/O, the output is enabled by the OE pin, and the
register is clocked by the CLK pin. Eight product terms are
allocated to the sum term. For a combinatorial output or
I/O, the output enable is controlled by a product term, and
seven product terms are allocated to the sum term. When
the macrocell is configured as an input, the output enable is
permanently disabled.
Any register usage will make the compiler select this mode.
The following registered devices can be emulated using
this mode:
20R8
20RP8
20R6
20RP6
20R4
20RP4
Registered Mode Operation
Compiler Mode Selection
Registered
Complex
Simple
Auto Select
ABEL, Atmel-ABEL
P20V8R
P20V8C
P20V8
P20V8
CUPL
G20V8MS
G20V8MA
G20V8
G20V8A
LOG/iC
GAL20V8_R(1)
GAL20V8_C7(1)
GAL20V8_C8(1)
GAL20V8
OrCAD-PLD
“Registered”
“Complex”
“Simple”
GAL20V8
PLDesigner
P20V8
P20V8
P20V8
P20V8
Tango-PLD
G20V8
G20V8
G20V8
G20V8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com