Electronic Components Datasheet Search
  English  ▼

X  

ATF20V8BQL Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF20V8BQL
Description  Highperformance EE PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF20V8BQL Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF20V8BQL Datasheet HTML 1Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 2Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 3Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 4Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 5Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 6Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 7Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 8Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
Features
• Industry-standard Architecture
– Emulates Many 24-pin PALs®
– Low-cost Easy-to-use Software Tools
• High-speed Electrically-erasable Programmable Logic Devices
– 7.5 ns Maximum Pin-to-pin Delay
• Several Power Saving Options
• CMOS and TTL Compatible Inputs and Outputs
• Input and I/O Pull-up Resistors
• Advanced Flash Technology
– Reprogrammable
– 100% Tested
• High-reliability CMOS Process
– 20 Year Data Retention
– 100 Erase/Write Cycles
– 2,000V ESD Protection
– 200 mA Latchup Immunity
• Commercial and Industrial Temperature Ranges
• Dual-in-line and Surface Mount Packages in Standard Pinouts
• PCI-Compliant
• Green Package Options (Pb/Halide-free/RoHS Complant) Available
Block Diagram
Device
I
CC, Standby
I
CC, Active
ATF20V8B
50 mA
55 mA
ATF20V8BQ
35 mA
40 mA
ATF20V8BQL
5 mA
20 mA
High-
performance
EE PLD
ATF20V8B
ATF20V8BQ
ATF20V8BQL
Rev. 0407J–07/06
Pin Configurations
All Pinouts Top View
Pin Name
Function
CLK
Clock
I
Logic Inputs
I/O
Bi-directional Buffers
OE
Output Enable
*
No Internal Connection
VCC
+5V Supply
TSSOP
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLK/IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
GND
VCC
IN
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
IN
OE/IN
DIP/SOIC
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLK/IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
GND
VCC
IN
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
IN
OE/IN
PLCC
5
6
7
8
9
10
11
25
24
23
22
21
20
19
IN
IN
IN
*
IN
IN
IN
I/O
I/O
I/O
*
I/O
I/O
I/O


Similar Part No. - ATF20V8BQL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8BQL ATMEL-ATF20V8BQL Datasheet
758Kb / 17P
High- Performance EE PLD
ATF20V8BQL-15JC ATMEL-ATF20V8BQL-15JC Datasheet
758Kb / 17P
High- Performance EE PLD
ATF20V8BQL-15PC ATMEL-ATF20V8BQL-15PC Datasheet
758Kb / 17P
High- Performance EE PLD
ATF20V8BQL-15SC ATMEL-ATF20V8BQL-15SC Datasheet
758Kb / 17P
High- Performance EE PLD
ATF20V8BQL-15XC ATMEL-ATF20V8BQL-15XC Datasheet
758Kb / 17P
High- Performance EE PLD
More results

Similar Description - ATF20V8BQL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com