Electronic Components Datasheet Search
  English  ▼

X  

ATF20V8BQL Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATF20V8BQL
Description  Highperformance EE PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF20V8BQL Datasheet(HTML) 3 Page - ATMEL Corporation

  ATF20V8BQL Datasheet HTML 1Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 2Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 3Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 4Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 5Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 6Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 7Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 8Page - ATMEL Corporation ATF20V8BQL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ATF20V8B(Q)(L)
3
Notes:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
2. Shaded parts are obsolete with a last time buy date of 19 August 1999.
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input or I/O Low
Leakage Current
0
≤ V
IN ≤ VIL(Max)
-35
-100
µA
IIH
Input or I/O High
Leakage Current
3.5
≤ V
IN ≤ VCC
10
µA
ICC
Power Supply
Current, Standby
V
CC = Max,
VIN = Max,
Outputs Open
B-7, -10
Com.
60
90
mA
Ind.
60
100
mA
B-15
Com.
60
80
mA
B-15
Ind.
60
90
mA
B-25
Com.
60
80
mA
B-25
Ind.
60
90
mA
BQ-10
Com.
35
55
mA
BQL-15
Com.
5
10
mA
BQL-15
Ind.
5
15
mA
BQL-25
Com.
5
10
mA
BQL-25
Ind.
5
15
mA
I
CC2
Clocked Power
Supply Current
V
CC = Max,
Outputs Open,
f = 15 MHz
B-7, -10
Com.
80
110
mA
Ind.
80
125
mA
B-15
Com.
60
90
mA
B-15
Ind.
60
105
mA
B-25
Com.
60
90
mA
B-25
Ind.
60
105
mA
BQ-10
Com.
40
55
mA
BQL-15
Com.
20
35
mA
BQL-15
Ind.
20
40
mA
BQL-25
Com.
20
35
mA
BQL-25
Ind.
20
40
mA
IOS(1)
Output Short
Circuit Current
V
OUT = 0.5V
-130
mA
V
IL
Input Low Voltage
-0.5
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.75
V
V
OL
Output Low Voltage
V
IN = VIH or VIL,
VCC = Min
I
OL = 24 mA
Com.,
Ind.
0.5
V
I
OL = 16 mA
0.5
V
VOH
Output High Voltage
VIN = VIH or VIL,
V
CC = Min
IOH = -4.0 mA
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com