Electronic Components Datasheet Search
  English  ▼

X  

PA91 Datasheet(PDF) 6 Page - Cirrus Logic

Part # PA91
Description  High Voltage Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA91 Datasheet(HTML) 6 Page - Cirrus Logic

  PA91 Datasheet HTML 1Page - Cirrus Logic PA91 Datasheet HTML 2Page - Cirrus Logic PA91 Datasheet HTML 3Page - Cirrus Logic PA91 Datasheet HTML 4Page - Cirrus Logic PA91 Datasheet HTML 5Page - Cirrus Logic PA91 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA91

PA91U
INPUTPROTECTION
AlthoughthePA91canwithstanddifferentialvoltagesupto±20V,
additional external protection is recommended. Low leakage, low
capacitance JFETs connected as diodes are recommended (e.g.
2N4416, Q1-Q4 in Figure 2).The differential input voltage will be
clampedto±1.4V.Thisissufficientoverdrivetoproducemaximum
powerbandwidth.
POWERSUPPLYPROTECTION
Unidirectionalzenerdiodetransientsuppressorsarerecommended
asprotectiononthesupplypins.SeeFigure2.Thezenersclamp
transientstovoltageswithinthepowersupplyratingandalsoclamp
powersupplyreversalstoground.Whetherthezenersareusedor
not,thesystempowersupplyshouldbeevaluatedfortransientper-
formanceincludingpower-onovershootandpower-offpolarityreversalsaswellaslineregulation.
Conditionswhichcancauseopencircuitsorpolarityreversalsoneitherpowersupplyrailshouldbeavoidedorpro-
tectedagainst.Reversalsoropensonthenegativesupplyrailisknowntoinduceinputstagefailure.Unidirectional
transzorbspreventthis,anditisdesirablethattheybebothelectricallyandphysicallyasclosetotheamplifieras
possible.
STAbILITY
ThePA91isexternallycompensatedandperformancecanbetailoredtotheapplication.Usethegraphsofsmall
signalresponseandpowerresponseasaguide.ThecompensationcapacitorCCmustberatedat500Vworking
voltage.AnNPOcapacitorisrecommended.ThecompensationnetworkCCRCmustbemountedcloselytothe
amplifierpins4and5toavoidspuriousoscillation.
QUIESCENTCURRENTREDUCTION
Whenpin3(IQ)isshortedtopin5(CC2)theABbiasingoftheoutputstageisdisabled.Thisraisesdistortionsince
theoutputstageisthenclassCbiased,butreducesthequiescentcurrentby1mAforapowerdissipationsavings
of0.4W.Pin3maybeleftopenifnotused.
CONTACTINGCIRRUSLOGICSUPPORT
ForallApexPrecisionPowerproductquestionsandinquiries,calltollfree800-546-2739inNorthAmerica.
Forinquiriesviaemail,pleasecontacttucson.support@cirrus.com.
InternationalcustomerscanalsorequestsupportbycontactingtheirlocalCirrusLogicSalesRepresentative.
Tofindtheonenearesttoyou,gotowww.cirrus.com
IMPORTANTNOTICE
CirrusLogic,Inc.anditssubsidiaries("Cirrus")believethattheinformationcontainedinthisdocumentisaccurateandreliable.However,theinformationissubject
tochangewithoutnoticeandisprovided"ASIS"withoutwarrantyofanykind(expressorimplied).Customersareadvisedtoobtainthelatestversionofrelevant
informationtoverify,beforeplacingorders,thatinformationbeingreliedoniscurrentandcomplete.Allproductsaresoldsubjecttothetermsandconditionsofsale
suppliedatthetimeoforderacknowledgment,includingthosepertainingtowarranty,indemnification,andlimitationofliability.NoresponsibilityisassumedbyCirrus
fortheuseofthisinformation,includinguseofthisinformationasthebasisformanufactureorsaleofanyitems,orforinfringementofpatentsorotherrightsofthird
parties.ThisdocumentisthepropertyofCirrusandbyfurnishingthisinformation,Cirrusgrantsnolicense,expressorimpliedunderanypatents,maskworkrights,
copyrights,trademarks,tradesecretsorotherintellectualpropertyrights.Cirrusownsthecopyrightsassociatedwiththeinformationcontainedhereinandgivescon-
sentforcopiestobemadeoftheinformationonlyforusewithinyourorganizationwithrespecttoCirrusintegratedcircuitsorotherproductsofCirrus.Thisconsent
doesnotextendtoothercopyingsuchascopyingforgeneraldistribution,advertisingorpromotionalpurposes,orforcreatinganyworkforresale.
CERTAINAPPLICATIONSUSINGSEMICONDUCTORPRODUCTSMAYINVOLVEPOTENTIALRISKSOFDEATH,PERSONALINJURY,ORSEVEREPROP-
ERTYORENVIRONMENTALDAMAGE(“CRITICALAPPLICATIONS”).CIRRUSPRODUCTSARENOTDESIGNED,AUTHORIZEDORWARRANTEDTOBE
SUITABLEFORUSEINPRODUCTSSURGICALLYIMPLANTEDINTOTHEBODY,AUTOMOTIVESAFETYORSECURITYDEVICES,LIFESUPPORTPROD-
UCTSOROTHERCRITICALAPPLICATIONS.INCLUSIONOFCIRRUSPRODUCTSINSUCHAPPLICATIONSISUNDERSTOODTOBEFULLYATTHECUS-
TOMER’SRISKANDCIRRUSDISCLAIMSANDMAKESNOWARRANTY,EXPRESS,STATUTORYORIMPLIED,INCLUDINGTHEIMPLIEDWARRANTIESOF
MERCHANTABILITYANDFITNESSFORPARTICULARPURPOSE,WITHREGARDTOANYCIRRUSPRODUCTTHATISUSEDINSUCHAMANNER.IFTHE
CUSTOMERORCUSTOMER’SCUSTOMERUSESORPERMITSTHEUSEOFCIRRUSPRODUCTSINCRITICALAPPLICATIONS,CUSTOMERAGREES,
BYSUCHUSE,TOFULLYINDEMNIFYCIRRUS,ITSOFFICERS,DIRECTORS,EMPLOYEES,DISTRIBUTORSANDOTHERAGENTSFROMANYANDALL
LIABILITY,INCLUDINGATTORNEYS’FEESANDCOSTS,THATMAYRESULTFROMORARISEINCONNECTIONWITHTHESEUSES.
CirrusLogic,Cirrus,andtheCirrusLogiclogodesigns,ApexPrecisionPower,ApexandtheApexPrecisionPowerlogodesignsaretrademarksofCirrusLogic,Inc.
Allotherbrandandproductnamesinthisdocumentmaybetrademarksorservicemarksoftheirrespectiveowners.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com