Electronic Components Datasheet Search
  English  ▼

X  

PA91 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA91
Description  High Voltage Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA91 Datasheet(HTML) 3 Page - Cirrus Logic

  PA91 Datasheet HTML 1Page - Cirrus Logic PA91 Datasheet HTML 2Page - Cirrus Logic PA91 Datasheet HTML 3Page - Cirrus Logic PA91 Datasheet HTML 4Page - Cirrus Logic PA91 Datasheet HTML 5Page - Cirrus Logic PA91 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA91
PA91U

NOTES:
1. (AllMin/MaxcharacteristicsandspecificationsareguaranteedovertheSpecifiedOperatingCondi-
tions.Typicalperformancecharacteristicsandspecificationsarederivedfrommeasurementstaken
attypicalsupplyvoltagesandT
C=25°C).
2. Longtermoperationatthemaximumjunctiontemperaturewillresultinreducedproductlife.Derate
powerdissipationtoachievehighMTTF.
3. +V
Sand–VSdenotethepositiveandnegativepowersupplyrailrespectively.
4. Ratingappliesiftheoutputcurrentalternatesbetweenbothoutputtransistorsataratefasterthan
60Hz.
5. Deratemaxsupplyrating0.625V/°Cbelow25°Ccase.Noderatingneededabove25°Ccase.
Parameter
TestConditions1
Min
Typ
Max
Units
GAIN
OPENLOOP@15Hz
R
L=2KΩ,CC=OPEN
94
111
dB
GAINBANDWIDTHPRODUCT@1MHz
R
L=2KΩ,CC=OPEN
100
MHz
POWERBANDWIDTH
R
L=2KΩ,CC=OPEN
470
KHz
PHASEMARGIN
Fulltemperaturerange
60
°
OUTPUT
VOLTAGESWING(Note3) I
O=200mA
±V
SŦ12
±V
SŦ10
V
CURRENT,continuous
200
mA
SLEWRATE,A
V=100
C
C=OPEN
240
300
V/µS
CAPACITIVELOAD,A
V=+1
Fulltemperaturerange
470
pF
SETTLINGTIMEto0.1%
C
C=OPEN,2Vstep
1
µS
RESISTANCE,noload
50
Ω
POWERSUPPLY
VOLTAGE(Note5)
±40
±150
±225
V
CURRENT,quiescent
10
14
mA
THERMAL
RESISTANCE,AC,junctiontocase(Note4) Fulltemprange,F>60Hz
2.5
°C/W
RESISTANCE,DC,junctiontocase
Fulltemprange,F<60Hz
4.2
°C/W
RESISTANCE,junctiontoair
Fulltemprange
30
°C/W
TEMPERATURERANGE,case
Meetsfullrangespecifications
-25
+85
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com