Electronic Components Datasheet Search
  English  ▼

X  

PA91 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA91
Description  High Voltage Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA91 Datasheet(HTML) 1 Page - Cirrus Logic

  PA91 Datasheet HTML 1Page - Cirrus Logic PA91 Datasheet HTML 2Page - Cirrus Logic PA91 Datasheet HTML 3Page - Cirrus Logic PA91 Datasheet HTML 4Page - Cirrus Logic PA91 Datasheet HTML 5Page - Cirrus Logic PA91 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA91
PA91U
1
FEATURES
♦HIGHVOLTAGE—450V(±225V)
♦LOWQUIESCENTCURRENT—10mA
♦HIGHOUTPUTCURRENT—200mA
♦PROGRAMMABLECURRENTLIMIT
♦HIGHSLEWRATE—300V/µs
APPLICATIONS
♦PIEZOELECTRICPOSITIONING
♦HIGHVOLTAGEINSTRUMENTATION
♦ELECTROSTATICTRANSDUCERS
♦PROGRAMMABLEPOWERSUPPLIESUP
TO440V
High Voltage Power Operational Amplifiers
PA91
P r o d u c t I n n o v a t i o n F r o m
DESCRIPTION
ThePA91isahighvoltage,lowquiescentcurrentMOS-
FEToperationalamplifierdesignedasalowcostsolu-
tionfordrivingcontinuousoutputcurrentsupto200mA
andpulsecurrentsupto350mA.Thesafeoperating
area(SOA)hasnosecondbreakdownlimitationsand
canbeobservedforalltypeloadsbychoosinganap-
propriatecurrentlimitingresistor.TheMOSFEToutput
stageisbiasedABforlinearoperation.Externalcom-
pensation provides flexibility in choosing bandwidth
andslewratefortheapplication.APEX’sPowerSIP
packageusesaminimumofboardspaceallowingfor
highdensitycircuitboards.The12-pinPowerSIPpack-
ageiselectricallyisolated.
EQUIVALENTSCHEMATIC
Copyright © Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
AUG2008
APEX − PA91REVG


Similar Part No. - PA91

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA91 APEX-PA91 Datasheet
245Kb / 6P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA91 CIRRUS-PA91 Datasheet
209Kb / 6P
High Voltage Power Operational Amplifiers
PA91 CIRRUS-PA91 Datasheet
677Kb / 6P
High Voltage Power Operational Amplifiers
logo
NIKO SEMICONDUCTOR CO.,...
PA910BC NIKOSEM-PA910BC Datasheet
214Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
PA910BD NIKOSEM-PA910BD Datasheet
192Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - PA91

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com