Electronic Components Datasheet Search
  English  ▼

X  

SA57 Datasheet(PDF) 13 Page - Cirrus Logic

Part # SA57
Description  Switching Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA57 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button SA57 Datasheet HTML 6Page - Cirrus Logic SA57 Datasheet HTML 7Page - Cirrus Logic SA57 Datasheet HTML 8Page - Cirrus Logic SA57 Datasheet HTML 9Page - Cirrus Logic SA57 Datasheet HTML 10Page - Cirrus Logic SA57 Datasheet HTML 11Page - Cirrus Logic SA57 Datasheet HTML 12Page - Cirrus Logic SA57 Datasheet HTML 13Page - Cirrus Logic SA57 Datasheet HTML 14Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SA57
SA57U

P r o d u c t I n n o v a t i o n F r o m
FIgURE0.TImINgDIAgRAmS
.POWERDISSIPATION
The thermally enhanced package of the SA57 al-
lows several options for managing the power dis-
sipated in the two output stages. Power dissipation
in traditional PWM applications is a combination
of output power dissipation and switching losses.
Output power dissipation depends on the quadrant
of operation and whether external flyback diodes
are used to carry the reverse or commutating cur-
rents. Switching losses are dependent on the fre-
quency of the PWM cycle as described in the typi-
cal performance graphs.
The size and orientation of the heatsink must be
selected to manage the average power dissipation
of the SA57. Applications vary widely and various
thermal techniques are available to match the re-
quired performance. The patent pending mounting
technique shown in Figure 12, with the SA57 in-
verted and suspended through a cutout in the PCB
is adequate for power dissipation up to 17W with
the HS33, a 1.5 inch long aluminum extrusion with
four fins. In free air, mounting the PCB perpendicular to the ground, such that the heated air flows upward along the
channels of the fins can provide a total Θ
JA of less than 14 ºC/W (9W max average PD). Mounting the PCB parallel
to the ground impedes the flow of heated air and provides a Θ
JA of 16.66 ºC/W (7.5W max average PD). In applica-
tions in which higher power dissipation is expected or lower junction or case temperatures are required, a larger
heatsink or circulated air can significantly improve the performance.
4.ORDERINgANDPRODUCTSTATUSINFORmATION
MODEL
TEMPERATURE
PACKAGE
PRODUCTION STATUS
SA57-IHZ
-25 to 85ºC
64 pin Power QFP (HQ package drawing)
Samples Available
SA57A-FHZ
-40 to +125ºC
64 pin Power QFP (HQ package drawing)
Samples Available
TOP INPUT
BOTTOM INPUT
DELAY TIMING
OUTPUT
DISABLE
td(fall)
td(dis)
td(rise)
td(dis)
td(dis)
td(dis)
TOP INPUT
BOTTOM INPUT
OUTPUT
t(fall)
t(rise)
20%
80%
FIgURE.OUTPUTRESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com