Electronic Components Datasheet Search
  English  ▼

X  

SA57 Datasheet(PDF) 3 Page - Cirrus Logic

Part # SA57
Description  Switching Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA57 Datasheet(HTML) 3 Page - Cirrus Logic

  SA57 Datasheet HTML 1Page - Cirrus Logic SA57 Datasheet HTML 2Page - Cirrus Logic SA57 Datasheet HTML 3Page - Cirrus Logic SA57 Datasheet HTML 4Page - Cirrus Logic SA57 Datasheet HTML 5Page - Cirrus Logic SA57 Datasheet HTML 6Page - Cirrus Logic SA57 Datasheet HTML 7Page - Cirrus Logic SA57 Datasheet HTML 8Page - Cirrus Logic SA57 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SA57
SA57U

P r o d u c t I n n o v a t i o n F r o m
Parameter
TestConditions2
SA57
SA57A
Units
min
Typ
max
min
Typ
max
CURRENTLImIT
CURRENT LIMIT
THRESHOLD (Vth)
3.95
*
V
Vth HYSTERESIS
100
*
mV
OUTPUT
CURRENT, CONTINUOUS
25ºC Case Temperature
5
8
A
RISING DELAY, TD (RISE)
See Figure 10
270
*
ns
FALLING DELAY, TD (FALL)
See Figure 10
270
*
ns
DISABLE DELAY, TD (DIS)
See Figure 10
200
*
ns
ENABLE DELAY, TD (DIS)
See Figure 10
200
*
ns
RISE TIME, T (RISE)
See Figure 11
50
*
ns
FALL TIME, T (FALL)
See Figure 11
50
*
ns
ON RESISTANCE
SOURCING (P-CHANNEL)
5A Load
300
750
300
600
mΩ
ON RESISTANCE
SINKING (N-CHANNEL)
5A Load
250
750
250
600
mΩ
ThERmAL
THERMAL WARNING
135
*
ºC
THERMAL WARNING
HYSTERESIS
40
*
ºC
RESISTANCE, junction to
case
Full temperature range
1.25
1.5
*
*
ºC/W
TEMPERATURE RANGE,
case
Meets Specifications
-25
85
-40
125
ºC
FIgURE2.64-PINQFP,PACKAgESTYLEhQ
SPECIFICATIONS,continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com