Electronic Components Datasheet Search
  English  ▼

X  

SA57 Datasheet(PDF) 2 Page - Cirrus Logic

Part # SA57
Description  Switching Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA57 Datasheet(HTML) 2 Page - Cirrus Logic

  SA57 Datasheet HTML 1Page - Cirrus Logic SA57 Datasheet HTML 2Page - Cirrus Logic SA57 Datasheet HTML 3Page - Cirrus Logic SA57 Datasheet HTML 4Page - Cirrus Logic SA57 Datasheet HTML 5Page - Cirrus Logic SA57 Datasheet HTML 6Page - Cirrus Logic SA57 Datasheet HTML 7Page - Cirrus Logic SA57 Datasheet HTML 8Page - Cirrus Logic SA57 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SA57
2
SA57U
P r o d u c t I n n o v a t i o n F r o m
.ChARACTERISTICSANDSPECIFICATIONS
NOTES:
1. (All Min/Max characteristics and specifications are guaranteed over the Specified Operating Condi-
tions. Typical performance characteristics and specifications are derived from measurements taken
at typical supply voltages and T
C = 25°C).
ABSOLUTEmAxImUmRATINgS
Parameter
Symbol
min
max
Units
SUPPLY VOLTAGE
V
S
60
V
SUPPLY VOLTAGE
V
DD
5.5
V
LOGIC INPUT VOLTAGE
(-0.5)
(V
DD+0.5)
V
OUTPUT CURRENT, peak, 10ms2
I
OUT
17
A
POWER DISSIPATION, avg, 25ºC2
P
D
100
W
TEMPERATURE, junction3
T
J
150
°C
TEMPERATURE RANGE, storage
T
STG
−55
125
°C
OPERATING TEMPERATURE, case T
A
−40
125
°C
2. Long term operation at elevated temperature will result in reduced product life. De-rate internal power
dissipation to achieve high MTBF.
3. Output current rating may be limited by duty cycle, ambient temperature, and heat sinking. Under any
set of conditions, do not exceed the specified current rating or a junction temperature of 150°C.
Parameter
TestConditions2
SA57
SA57A
Units
min
Typ
max
min
Typ
max
LOgIC
INPUT LOW
1
*
V
INPUT HIGH
1.8
*
V
OUTPUT LOW
0.3
*
V
OUTPUT HIGH
3.7
*
V
OUTPUT CURRENT
(SC, Temp, I
LIM/DIS1)
50
*
mA
POWERSUPPLY
V
S
UVLO
50
60
55
V
V
S UNDERVOLTAGE
LOCKOUT, (UVLO)
9
*
*
V
V
DD
4.5
5.5
*
*
V
SUPPLY CURRENT, V
S
20 kHz (One phase
switching at 50% duty
cycle) , V
S=50V, VDD=5V
25
30
*
*
mA
SUPPLY CURRENT, V
DD
20 kHz (One phase
switching at 50% duty
cycle) , V
S=50V, VDD=5V
5
6
*
*
mA
SPECIFICATIONS
* The specification of SA57A is identical to the specification for SA57 in applicable column to the left.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com