Electronic Components Datasheet Search
  English  ▼

X  

ATF1508ASL Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF1508ASL
Description  Highperformance EE PLD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASL Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF1508ASL Datasheet HTML 3Page - ATMEL Corporation ATF1508ASL Datasheet HTML 4Page - ATMEL Corporation ATF1508ASL Datasheet HTML 5Page - ATMEL Corporation ATF1508ASL Datasheet HTML 6Page - ATMEL Corporation ATF1508ASL Datasheet HTML 7Page - ATMEL Corporation ATF1508ASL Datasheet HTML 8Page - ATMEL Corporation ATF1508ASL Datasheet HTML 9Page - ATMEL Corporation ATF1508ASL Datasheet HTML 10Page - ATMEL Corporation ATF1508ASL Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
ATF1508AS(L)
0784P–PLD–7/05
Speed/Power
Management
The ATF1508AS has several built-in speed and power management features. The
ATF1508AS contains circuitry that automatically puts the device into a low-power stand-by
mode when no logic transitions are occurring. This not only reduces power consumption dur-
ing inactive periods, but also provides proportional power-savings for most applications
running at system speeds below 5 MHz.
To further reduce power, each ATF1508AS macrocell has a Reduced-power bit feature. This
feature allows individual macrocells to be configured for maximum power savings. This feature
may be selected as a design option.
I/O Diagram
All ATF1508 also have an optional power-down mode. In this mode, current drops to below 10
mA. When the power-down option is selected, either PD1 or PD2 pins (or both) can be used to
power down the part. The power-down option is selected in the design source file. When
enabled, the device goes into power-down when either PD1 or PD2 is high. In the power-down
mode, all internal logic signals are latched and held, as are any enabled outputs.
All pin transitions are ignored until the PD pin is brought low. When the power-down feature is
enabled, the PD1 or PD2 pin cannot be used as a logic input or output. However, the pin’s
macrocell may still be used to generate buried foldback and cascade logic signals.
All power-down AC characteristic parameters are computed from external input or I/O pins,
with Reduced-power Bit turned on. For macrocells in reduced-power mode (Reduced-power
bit turned on), the reduced-power adder, tRPA, must be added to the AC parameters, which
include the data paths t
LAD, tLAC, tIC, tACL, tACH and tSEXP.
Each output also has individual slew rate control. This may be used to reduce system noise by
slowing down outputs that do not need to operate at maximum speed. Outputs default to slow
switching, and may be specified as fast switching in the design file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com