Electronic Components Datasheet Search
  English  ▼

X  

ATF1508ASL Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF1508ASL
Description  Highperformance EE PLD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASL Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF1508ASL Datasheet HTML 1Page - ATMEL Corporation ATF1508ASL Datasheet HTML 2Page - ATMEL Corporation ATF1508ASL Datasheet HTML 3Page - ATMEL Corporation ATF1508ASL Datasheet HTML 4Page - ATMEL Corporation ATF1508ASL Datasheet HTML 5Page - ATMEL Corporation ATF1508ASL Datasheet HTML 6Page - ATMEL Corporation ATF1508ASL Datasheet HTML 7Page - ATMEL Corporation ATF1508ASL Datasheet HTML 8Page - ATMEL Corporation ATF1508ASL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
ATF1508AS(L)
0784P–PLD–7/05
Description
The ATF1508AS is a high-performance, high-density complex programmable logic device
(CPLD) that utilizes Atmel’s proven electrically-erasable technology. With 128 logic macrocells
and up to 100 inputs, it easily integrates logic from several TTL, SSI, MSI, LSI and classic
PLDs. The ATF1508AS’s enhanced routing switch matrices increase usable gate count and
increase odds of successful pin-locked design modifications.
The ATF1508AS has up to 96 bi-directional I/O pins and four dedicated input pins, depending
on the type of device package selected. Each dedicated pin can also serve as a global control
signal, register clock, register reset or output enable. Each of these control signals can be
selected for use individually within each macrocell.
Each of the 128 macrocells generates a buried feedback that goes to the global bus. Each
input and I/O pin also feeds into the global bus. The switch matrix in each logic block then
selects 40 individual signals from the global bus. Each macrocell also generates a foldback
logic term that goes to a regional bus. Cascade logic between macrocells in the ATF1508AS
allows fast, efficient generation of complex logic functions. The ATF1508AS contains eight
such logic chains, each capable of creating sum term logic with a fan-in of up to 40 product
terms.
The ATF1508AS macrocell, shown in Figure 1, is flexible enough to support highly-complex
logic functions operating at high speed. The macrocell consists of five sections: product terms
and product term select multiplexer; OR/XOR/CASCADE logic, a flip-flop, output select and
enable, and logic array inputs.
Unused macrocells are automatically disabled by the compiler to decrease power consump-
tion. A security fuse, when programmed, protects the contents of the ATF1508AS. Two bytes
(16 bits) of User Signature are accessible to the user for purposes such as storing project
name, part number, revision or date. The User Signature is accessible regardless of the state
of the security fuse.
The ATF1508AS device is an in-system programmable (ISP) device. It uses the industry-stan-
dard 4-pin JTAG interface (IEEE Std. 1149.1), and is fully compliant with JTAG’s Boundary-
scan Description Language (BSDL). ISP allows the device to be programmed without remov-
ing it from the printed circuit board. In addition to simplifying the manufacturing flow, ISP also
allows design modifications to be made in the field via software.
Product Terms and
Select Mux
Each ATF1508AS macrocell has five product terms. Each product term receives as its inputs
all signals from both the global bus and regional bus.
The product term select multiplexer (PTMUX) allocates the five product terms as needed to
the macrocell logic gates and control signals. The PTMUX programming is determined by the
design compiler, which selects the optimum macrocell configuration.
OR/XOR/
CASCADE Logic
The ATF1508AS’s logic structure is designed to efficiently support all types of logic. Within a
single macrocell, all the product terms can be routed to the OR gate, creating a 5-input
AND/OR sum term. With the addition of the CASIN from neighboring macrocells, this can be
expanded to as many as 40 product terms with a little small additional delay.
The macrocell’s XOR gate allows efficient implementation of compare and arithmetic func-
tions. One input to the XOR comes from the OR sum term. The other XOR input can be a
product term or a fixed high- or low-level. For combinatorial outputs, the fixed level input
allows polarity selection. For registered functions, the fixed levels allow DeMorgan minimiza-
tion of product terms. The XOR gate is also used to emulate T- and JK-type flip-flops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com