Electronic Components Datasheet Search
  English  ▼

X  

ATF1508ASL Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATF1508ASL
Description  Highperformance EE PLD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASL Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATF1508ASL Datasheet HTML 21Page - ATMEL Corporation ATF1508ASL Datasheet HTML 22Page - ATMEL Corporation ATF1508ASL Datasheet HTML 23Page - ATMEL Corporation ATF1508ASL Datasheet HTML 24Page - ATMEL Corporation ATF1508ASL Datasheet HTML 25Page - ATMEL Corporation ATF1508ASL Datasheet HTML 26Page - ATMEL Corporation ATF1508ASL Datasheet HTML 27Page - ATMEL Corporation ATF1508ASL Datasheet HTML 28Page - ATMEL Corporation ATF1508ASL Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
25
ATF1508AS(L)
0784P–PLD–7/05
Note:
1. The last time buy is Sept. 30, 2005 for shaded parts.
Using “C” Product for Industrial
To use commercial product for Industrial temperature ranges, down-grade one speed grade from the “I” to the “C” device
(7 ns “C” = 10 ns “I”) and de-rate power by 30%.
ATF1508ASL Standard Package Options
tPD
(ns)
tCO1
(ns)
fMAX
(MHz)
Ordering Code
Package
Operation Range
20
12
83.3
ATF1508ASL-20 JC84
84J
Commercial
(0
°C to 70°C)
ATF1508ASL-20 QC100
100Q1
ATF1508ASL-20 AC100
100A
ATF1508ASL-20 QC160
160Q1
25
15
70
ATF1508ASL-25 JI84
84J
Industrial
(-40
°C to +85°C)
ATF1508ASL-25 QI100
100Q1
ATF1508ASL-25 AI100
100A
ATF1508ASL-25 QI160
160Q1
ATF1508ASL Green Package Options (Pb/Halide-free/RoHS Compliant)
tPD
(ns)
tCO1
(ns)
fMAX
(MHz)
Ordering Code
Package
Operation Range
25
15
70
ATF1508ASL-25 JU84
ATF1508ASL-25 AU100
84J
100A
Industrial
(-40
°C to +85°C)
Package Type
84J
84-lead, Plastic J-leaded Chip Carrier (PLCC)
100Q1
100-lead, Plastic Quad Pin Flat Package (PQFP)
100A
100-lead, Very Thin Plastic Gull Wing Quad Flat Package (TQFP)
160Q1
160-lead, Plastic Quad Pin Flat Package (PQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com