Electronic Components Datasheet Search
  English  ▼

X  

AT45DB642D Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 2 Page - ATMEL Corporation

  AT45DB642D Datasheet HTML 1Page - ATMEL Corporation AT45DB642D Datasheet HTML 2Page - ATMEL Corporation AT45DB642D Datasheet HTML 3Page - ATMEL Corporation AT45DB642D Datasheet HTML 4Page - ATMEL Corporation AT45DB642D Datasheet HTML 5Page - ATMEL Corporation AT45DB642D Datasheet HTML 6Page - ATMEL Corporation AT45DB642D Datasheet HTML 7Page - ATMEL Corporation AT45DB642D Datasheet HTML 8Page - ATMEL Corporation AT45DB642D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
2
3542H–DFLASH–4/08
AT45DB642D
1.
Description
The AT45DB642D is a 2.7-volt, dual-interface sequential access Flash memory ideally suited for
a wide variety of digital voice-, image-, program code- and data-storage applications. The
AT45DB642D supports RapidS serial interface and Rapid8 8-bit interface. RapidS serial inter-
face is SPI compatible for frequencies up to 66 MHz. The dual-interface allows a dedicated
serial interface to be connected to a DSP and a dedicated 8-bit interface to be connected to a
microcontroller or vice versa. However, the use of either interface is purely optional. Its
69,206,016 bits of memory are organized as 8,192 pages of 1,024 bytes (binary page size) or
1,056 bytes (standard DataFlash page size) each. In addition to the main memory, the
AT45DB642D also contains two SRAM buffers of 1,024 (binary buffer size) bytes/1,056 bytes
(standard DataFlash buffer size) each. The buffers allow receiving of data while a page in the
main Memory is being reprogrammed, as well as writing a continuous data stream. EEPROM
emulation (bit or byte alterability) is easily handled with a self-contained three step read-modify-
write operation. Unlike conventional Flash memories that are accessed randomly with multiple
address lines and a parallel interface, the DataFlash uses either a RapidS serial interface or a
8-bit Rapid8 interface to sequentially access its data. The simple sequential access dramatically
reduces active pin count, facilitates hardware layout, increases system reliability, minimizes
switching noise, and reduces package size. The device is optimized for use in many commercial
and industrial applications where high-density, low-pin count, low-voltage and low-power are
essential.
To allow for simple in-system reprogrammability, the AT45DB642D does not require high input
voltages for programming. The device operates from a single power supply, 2.7V to 3.6V, for
both the program and read operations. The AT45DB642D is enabled through the chip select pin
(CS) and accessed via a three-wire interface consisting of the Serial Input (SI), Serial Output
(SO), and the Serial Clock (SCK), or an 8-bit interface consisting of the input/output pins (I/O7 -
I/O0) and the clock pin (CLK).
All programming and erase cycles are self-timed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com