Electronic Components Datasheet Search
  English  ▼

X  

AT45DB642D Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 47Page - ATMEL Corporation AT45DB642D Datasheet HTML 48Page - ATMEL Corporation AT45DB642D Datasheet HTML 49Page - ATMEL Corporation AT45DB642D Datasheet HTML 50Page - ATMEL Corporation AT45DB642D Datasheet HTML 51Page - ATMEL Corporation AT45DB642D Datasheet HTML 52Page - ATMEL Corporation AT45DB642D Datasheet HTML 53Page - ATMEL Corporation AT45DB642D Datasheet HTML 54Page - ATMEL Corporation AT45DB642D Datasheet HTML 55Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
53
3542H–DFLASH–4/08
AT45DB642D
29. Revision History
Revision Level – Release Date
History
A – September 2005
Initial release
B – November 2005
Changed t
VCSL from 30 µs to 50 µs min.
Changed tPUW from 10 ms to 20 ms max.
Changed tDIS from 8 ns to 6 ns max.
Changed t
V from 8 ns to 6 ns max.
C – March 2006
Added text, in “Programming the Configuration Register”, to indicate
that power cycling is required to switch to “power of 2” page size
after the opcode has been executed.
D – July 2006
Corrected typographical errors.
E – August 2006
Added errata regarding Chip Erase.
F – August 2006
Added t
SCKR and tSCKF parameters to Table 18-4.
G – August 2007
Added additional text for “power of 2” binary page size option.
Changed tRDPD from 30 µs to 35 µs.
Added t
CLKR and tCLKF parameters to Table 18-5.
H – April 2008
Added part number ordering code details for suffixes SL954/955.
Added ordering code details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com