Electronic Components Datasheet Search
  English  ▼

X  

AT45DB642D Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT45DB642D
Description  64-megabit 2.7-volt Dual-interface DataFlash
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642D Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT45DB642D Datasheet HTML 35Page - ATMEL Corporation AT45DB642D Datasheet HTML 36Page - ATMEL Corporation AT45DB642D Datasheet HTML 37Page - ATMEL Corporation AT45DB642D Datasheet HTML 38Page - ATMEL Corporation AT45DB642D Datasheet HTML 39Page - ATMEL Corporation AT45DB642D Datasheet HTML 40Page - ATMEL Corporation AT45DB642D Datasheet HTML 41Page - ATMEL Corporation AT45DB642D Datasheet HTML 42Page - ATMEL Corporation AT45DB642D Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
39
3542H–DFLASH–4/08
AT45DB642D
21.8
Utilizing the Rapid8™ Function
The Rapid8 functions like RapidS but with 8 bits of data instead of 1 bit. A full clock cycle must
be used to transmit data back and forth across the 8 bit bus. The DataFlash is designed to
always clock its data out on the falling edge of the SCK signal and clock data in on the rising
edge of SCK.
For full clock cycle operation to be achieved, when the DataFlash is clocking data out on the fall-
ing edge of SCK, the host controller should wait until the next falling edge of SCK to latch the
data in. Similarly, the host controller should clock its data out on the rising edge of SCK in order
to give the DataFlash a full clock cycle to latch the incoming data in on the next rising edge of
SCK.
Figure 21-2. Rapid8 Mode
21.9
Reset Timing
Note:
The CS signal should be in the high state before the RESET signal is deasserted.
SCK
I/O
7-0
1
23456789
10
11
12
13
14
15
MOSI = Master Out, Slave In
MISO = Master In, Slave Out
The Master would be the ASIC/MCU and the Slave would be the memory device.
The Master always clocks data out on the rising edge of SCK and always clocks data in on the falling edge of SCK.
The Slave always clocks data out on the falling edge of SCK and always clocks data in on the rising edge of SCK.
A.
Master clocks out BYTE 1 on the rising edge of SCK.
B.
Slave clocks in BYTE 1 on the next rising edge of SCK.
C.
Master clocks out BYTE 2 on the same rising edge of SCK.
D.
Slave clocks in BYTE 6 (last input byte).
E.
Slave clocks out BYTE a (first output byte).
F.
Master clocks in BYTE a.
G.
Master clocks in BYTE h (last output byte).
A
B
C
D
E
F
G
Slave
CS
BYTE 6
BYTE 5
BYTE 4
BYTE 3
BYTE 2
BYTE 1
BYTE a
BYTE b
BYTE c
BYTE d
BYTE e
BYTE f
BYTE g
BYTE h
t
V
CS
SCK/CLK
RESET
SO or I/O7 - I/O0
(OUTPUT)
HIGH IMPEDANCE
HIGH IMPEDANCE
SI or I/O7 - I/O0
(INPUT)
tRST
tREC
tCSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com