Electronic Components Datasheet Search
  English  ▼

X  

ML5825DM Datasheet(PDF) 4 Page - SIRENZA MICRODEVICES

Part # ML5825DM
Description  2.4GHz to 5.8GHz Frequency Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

ML5825DM Datasheet(HTML) 4 Page - SIRENZA MICRODEVICES

  ML5825DM Datasheet HTML 1Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 2Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 3Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 4Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 5Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 6Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 7Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 8Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 9Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ML5825
ADVANCED DATASHEET
SEPTEMBER 2007
EDS-106038 REV A01
4
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fFREF
Reference signal frequency
REFSEL=VIL
REFSEL=VIH
18.432
24.576
MHz
MHz
VFREF
Reference signal level
AC coupled
400
1200
mVp-p
RECEIVER
FRXI
Receiver Input Frequency Range
5.725 - 5.850
GHz
FRXO
Receiver Output Frequency Range
2.382664 - 2.507664
GHz
ZRIN
Receiver Input Impedance
Over FRXI
37 + j2
Ω
ZRXO
Receiver Output Impedance
Differential Impedance RXON/RXOP
Over FRXO
100
Ω
NF
Input noise figure
High Gain Mode
Low Gain Mode
4.0
14
7.0
22
dB
dB
GRX
RX Power Gain
High Gain Mode
Low Gain Mode
Pin=-50dBm
Pin=-30dBm
8
13
- 8
dB
dB
IIP3
Input IP3
High Gain Mode
Low Gain Mode
For Pin=-50dBm each tone spaced
+/-1MHz from 5800MHz
For Pin=-30dBm each tone spaced
+/1MHz from 5800MHz
-25
-14
dBm
dBm
P1dB
RX Input 1dB compression
High Gain Mode
Low Gain Mode
-35
-25
dBm
dBm
PRXI
RX conducted emissions from RF input
port
RXI terminated in 50 ohm
-50
dBm
PSPUR
Out of Band Spurious,
High Gain Mode
Low Gain Mode
Spurs outside Receive Output Frequency
Range
-25
-5
dBc
dBc
IRR
RX Image Rejection
From RXI to RXO, Pin=-50dBm,
FRXI= 835-965MHz
20
dB
TRANSMITTER
FTXI
Transmitter Input Frequency Range
2.382664 - 2.507664
GHz
FTXO
Transmitter Output Frequency Range
5.725-5.850
GHz
ZTXI
Transmitter Input Impedance
Differential Impedance TXIN/TXIP Over
FTXI
100
Ω
ZTXO
Transmitter Output Impedance
Over FTXO
43 +
j88
Ω
POUT
TX buffer output power at 5.85 GHz
Matched into 50 ohms,
RTXISET=7.5KΩ, Pin=-6dBm
RTXISET=5.5KΩ, Pin=-3dBm
3.5
5.5
dBm
dBm
RTXH
Transmit harmonic output rejection
50 Ohm load
<-20
dBc
RLO
Transmit LO feed thru
Measured at TXO port with CW signal at
FTXI and PTXI
-30
dBc
RRFIF
Transmit IF feed thru
Measured at TXO port with CW signal at
FTXI and PTXI
-30
dBc
R2LO
Transmit 2xLO feed thru
Measured at TXO port with CW signal at
FTXI and PTXI
<-30
dBc
R3LO
Transmit 3xLO feed thru
Measured at TXO port with CW signal at
FTXI and PTXI
<-20
dBc
R4LO
Transmit 4xLO feed thru
Measured at TXO port with CW signal at
FTXI and PTXI
<-20
dBc
RTSB
Transmit lower sideband rejection
From TXI to TXO ports at PTXI for
FTXO= 835-960MHz
25
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com