Electronic Components Datasheet Search
  English  ▼

X  

ML5825DM Datasheet(PDF) 12 Page - SIRENZA MICRODEVICES

Part # ML5825DM
Description  2.4GHz to 5.8GHz Frequency Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

ML5825DM Datasheet(HTML) 12 Page - SIRENZA MICRODEVICES

Back Button ML5825DM Datasheet HTML 4Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 5Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 6Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 7Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 8Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 9Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 10Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 11Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 12Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ML5825
ADVANCED DATASHEET
SEPTEMBER 2007
EDS-106038 REV A01
12
WARRANTY
Sirenza Microdevices makes no representations or warranties with respect to the accuracy, utility, or completeness of
the contents of this publication and reserves the right to make changes to specifications and product descriptions at any
time without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual
property rights is granted by this document. The circuits contained in this document are offered as possible applications
only. Particular uses or applications may invalidate some of the specifications and/or product descriptions contained
herein. The customer is urged to perform its own engineering review before deciding on a particular application. Sirenza
Microdevices assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or
use of Sirenza Microdevices products including liability or warranties relating to merchantability, fitness for a particular
purpose, or infringement of any intellectual property right. Sirenza Microdevices products are not designed for use in
medical, life saving, or life sustaining applications.
If this document is “Advanced”, its contents describe a Sirenza Microdevices product that is currently under
development. All detailed specifications including pinouts and electrical specifications may be changed without notice. If
this document is “Preliminary”, its contents are based on early silicon measurements. Typical data is representative of
the product but is subject to change without notice. Pinout and mechanical dimensions are final. Preliminary documents
supersede all Advanced documents and all previous Preliminary versions. If this document is “Final”, its contents are
based on a characterized product, and it is believed to be accurate at the time of publication. Final Data Sheets
supersede all previously published versions. This document is Advanced.
© 2007 Sirenza Microdevices Corporation. All rights reserved. All other trademarks are the property of their respective
owners.
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026;
5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761;
5,592,128; 5,594,376; 5,652,479; 5,661,427; 5,663,874; 5,672,959; 5,689,167; 5,714,897; 5,717,798; 5,742,151;
5,747,977; 5,754,012; 5,757,174; 5,767,653; 5,777,514; 5,793,168; 5,798,635; 5,804,950; 5,808,455; 5,811,999;
5,818,207; 5,818,669; 5,825,165; 5,825,223; 5,838,723; 5.844,378; 5,844,941. Japan: 2,598,946; 2,619,299;
2,704,176; 2,821,714. Other patents are pending.
Sirenza Microdevices, Inc.
, 303 S. Technology Court, Broomfield, CO 80021, USA
North America 1- 303-327-3030
China +86-21-5835-4840
India +91-80-32902348
www.sirenza.com
transceiver-sales@sirenza.com
transceiver-apps@sirenza.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com