Electronic Components Datasheet Search
  English  ▼

X  

ML5825DM Datasheet(PDF) 5 Page - SIRENZA MICRODEVICES

Part # ML5825DM
Description  2.4GHz to 5.8GHz Frequency Translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

ML5825DM Datasheet(HTML) 5 Page - SIRENZA MICRODEVICES

  ML5825DM Datasheet HTML 1Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 2Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 3Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 4Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 5Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 6Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 7Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 8Page - SIRENZA MICRODEVICES ML5825DM Datasheet HTML 9Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ML5825
ADVANCED DATASHEET
SEPTEMBER 2007
EDS-106038 REV A01
5
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RMXN
Mixer products rejection at output port
From TXI to TXO ports at PTXI for
FTXO= 960-970MHz
>55
dBc
INTERFACE LOGIC LEVELS
Input pins (XCEN, TXON, RXGN, REFSEL)
VIH
Input high voltage
VCCA*0.7
VCCA+0.4
V
VIL
Input low voltage
-0.4
VCCA*0.3
V
IB
Input bias current
All states
-5
5
μA
CIN
Input capacitance
1MHz test frequency
4
pF
PIN DESCRIPTIONS
PIN
NAME
I/O
FUNCTION
DIAGRAM
POWER & GROUND
2
VSSMX
GROUND
Mixer Ground
N/A
7
VCCA
POWER
Regulated External Supply, Requires Proper Decoupling Components
N/A
14
VSSPLL
GROUND
PLL Ground
N/A
15
VSSLO
GROUND
VCO and LO Ground
N/A
24
VTXB
INPUT
TX Buffer Supply Voltage, Connect to Pin 7
N/A
X
VSSDB
GROUND
Exposed Paddle. Ground/Return
N/A
SUPPLY REGULATION
1
VMIX
INPUT
2.7V Supply Decoupling Point, Connect to Pin 26
N/A
12
VREG1
OUTPUT
2.7V Regulated Supply Output
N/A
17
VREG2
OUTPUT
2.5V Regulated Supply Output
N/A
18
VBG2
OUTPUT
1.24V Bandgap2 Supply Decoupling Point
N/A
19
VREG3
OUTPUT
2.7V Regulated Supply Decoupling Point
N/A
25
VBG1
OUTPUT
1.24V Bandgap1 Supply Decoupling Point
N/A
26
VREG4
OUTPUT
2.7V Regulated Supply Output, Connect to Pins 1 and 28
N/A
28
VLNA
INPUT
2.7V LNA Supply Decoupling Point, Connect to Pin 26
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com