Electronic Components Datasheet Search
  English  ▼

X  

MG2RT Datasheet(PDF) 1 Page - ATMEL Corporation

Part # MG2RT
Description  Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MG2RT Datasheet(HTML) 1 Page - ATMEL Corporation

  MG2RT Datasheet HTML 1Page - ATMEL Corporation MG2RT Datasheet HTML 2Page - ATMEL Corporation MG2RT Datasheet HTML 3Page - ATMEL Corporation MG2RT Datasheet HTML 4Page - ATMEL Corporation MG2RT Datasheet HTML 5Page - ATMEL Corporation MG2RT Datasheet HTML 6Page - ATMEL Corporation MG2RT Datasheet HTML 7Page - ATMEL Corporation MG2RT Datasheet HTML 8Page - ATMEL Corporation MG2RT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
• Full Range of Matrices with up to 480K Gates
• 0.5 µm Drawn CMOS, 3 Metal Layers, Sea of Gates
• RAM and DPRAM Compilers
• Library Optimized for Synthesis, Floor Plan and Automatic Test Generation (ATG)
• 3 and 5 Volts Operation; Single or Dual Supply Mode
• High Speed Performances:
– 450 ps Max NAND2 Propagation Delay at 4.5V, 720 ps at 2.7V and FO = 5
– Min 610 MHz Toggle Frequency at 4.5V, 320 MHz at 2.7V
• Programmable PLL Available upon Request
• High System Frequency Skew Control through Clock Tree Synthesis Software
• Low Power Consumption:
– 1.96 µW/Gate/MHz at 5V
– 0.6 µW/Gate/MHz at 3V
• Integrated Power On Reset
• Matrices with a Max of 484 Fully Programmable Pads
• Standard 3, 6, 12 and 24 mA I/Os
• Versatile I/O Cell: Input, Output, I/O, Supply, Oscillator
• CMOS/TTL/PCI Interface
• ESD (2 kV) and Latch-up Protected I/O
• High Noise and EMC Immunity:
– I/O with Slew Rate Control
– Internal Decoupling
– Signal Filtering between Periphery and Core
– Application Dependent Supply Routing and Several Independant Supply Sources
• Wide Selection of MQFPs and MCGA Packages up to 472 Pins
• Delivery in Die Form with 94.6 µm Pad Pitch
• Advanced CAD Support: Floor Plan, Proprietary Delay Models, Timing Driven Layout,
Power Management
• Cadence®, Mentor®, Vital® and Synopsys® Reference Platforms
• EDIF and VHDL Reference Formats
• Available in Military and Space Quality Grades (SCC, MIL-PRF-38535)
• No Single Event Latch-up below an LET threshold of 80MeV/mg/cm2
• Tested up to a Total Dose of 60 Krad (Si) according to MIL STD 883 Method 1019
• QML Q and V with SMD 5962-00B02
Description
The MG2RT series is a 0.5 micron, array based, CMOS product family. Several arrays
up to 480K gates cover most system integration needs. The MG2RT is manufactured
using a 0.5 micron drawn, 3 metal layer CMOS process, called SCMOS 3/2RT.
The base cell architecture of the MG2RT series provides high routability of logic with
extremely dense compiled memories: RAM and DPRAM. ROM can be generated
using synthesis tools.
Accurate control of clock distribution can be achieved by PLL hardware and CTS
(Clock Tree Synthesis) software. New noise prevention techniques are applied in the
array and in the periphery: three or more independent supplies, internal decoupling,
customiszation dependent supply routing, noise filtering, skew controlled I/Os, low
swing differential I/Os, all contribute to improve the noise immunity and reduce the
emission level.
The MG2RT is supported by an advanced software environment based on industry
standards linking proprietary and commercial tools. Verilog, Modelsym and Design
Compiler are the reference front-end tools. Floor planning associated with timing-
driven layout provides a short back-end cycle.
Rad Tolerant
350K Used Gates
0.5 µm CMOS
Sea of Gates
MG2RT


Similar Part No. - MG2RT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
MG2RTP ATMEL-MG2RTP_14 Datasheet
168Kb / 14P
Library Optimized for Synthesis, Floor Plan and Automatic Test Generation
MG2RT ATMEL-MG2RT_14 Datasheet
225Kb / 13P
Full Range of Matrices with up to 480K Gates
More results

Similar Description - MG2RT

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MG113P OKI-MG113P Datasheet
278Kb / 22P
0.25關m Sea of Gates and Customer Structured Arrays
MSM13Q OKI-MSM13Q Datasheet
227Kb / 20P
0.35 關m Sea of Gates Arrays
logo
Texas Instruments
CD4073B TI-CD4073B Datasheet
223Kb / 5P
CMOS AND GATES
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
CMOS NOR Gates
logo
ATMEL Corporation
MG2 ATMEL-MG2 Datasheet
208Kb / 13P
350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
Texas Instruments
SN54AC02-SP TI1-SN54AC02-SP Datasheet
301Kb / 9P
RAD-TOLERANT CLASS V, QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AC02-DIE TI1-SN54AC02-DIE Datasheet
85Kb / 5P
RAD-TOLERANT SPACE GRADE DIE, QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com