Electronic Components Datasheet Search
  English  ▼

X  

MG2RT Datasheet(PDF) 4 Page - ATMEL Corporation

Part # MG2RT
Description  Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MG2RT Datasheet(HTML) 4 Page - ATMEL Corporation

  MG2RT Datasheet HTML 1Page - ATMEL Corporation MG2RT Datasheet HTML 2Page - ATMEL Corporation MG2RT Datasheet HTML 3Page - ATMEL Corporation MG2RT Datasheet HTML 4Page - ATMEL Corporation MG2RT Datasheet HTML 5Page - ATMEL Corporation MG2RT Datasheet HTML 6Page - ATMEL Corporation MG2RT Datasheet HTML 7Page - ATMEL Corporation MG2RT Datasheet HTML 8Page - ATMEL Corporation MG2RT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
4115L–AERO–06/05
MG2RT
Power Supply
and Noise
Protection
The speed and density of the SCMOS3/2RT technology cause large switching current spikes for
example when:
•
either 16 high current output buffers switch simultaneously,
•
or 10% of the 480,000 gates are switching within a window of 1 ns.
Sharp edges and high currents cause some parisitic elements in the packaging to become sig-
nificant. In this frequency range, the package inductance and series resistance should be taken
into account. It is known that an inductor slows down the settling time of the current and causes
voltage drops on the power supply lines. These drops can affect the behavior of the circuit itself
or disturb the external application (ground bounce).
In order to improve the noise immunity of the MG core matrix, several mechanisms have been
implemented inside the MG arrays. Two kinds of protection have been added: one to limit the I/O
buffer switching noise and the other to protect the I/O buffers against the switching noise coming
from the matrix.
I/O Buffers
Switching
Protection
Three features are implemented to limit the noise generated by the switching current:
•
The power supplies of the input and output buffers are separated.
•
The rise and fall times of the output buffers can be controlled by an internal regulator.
•
A design rule concerning the number of buffers connected on the same power supply line
has been imposed.
Matrix Switching
Current Protection
This noise disturbance is caused by a large number of gates switching simultaneously. To allow
this without impacting the functionality of the circuit, three new features have been added:
•
Decoupling capacitors are integrated directly on the silicon to reduce the power supply drop.
•
A power supply network has been implemented in the matrix. This solution reduces the
number of parasitic elements such as inductance and resistance and constitutes an artificial
VDD and Ground plane. One mesh of the network supplies approximately 150 cells.
•
A low pass filter has been added between the matrix and the input to the output buffer. This
limits the transmission of the noise coming from the ground or the VDD supply of the matrix
to the external world via the output buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com