Electronic Components Datasheet Search
  English  ▼

X  

AT40KAL Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT40KAL
Description  Military Reprogrammable FPGAs with FreeRAM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40KAL Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT40KAL Datasheet HTML 10Page - ATMEL Corporation AT40KAL Datasheet HTML 11Page - ATMEL Corporation AT40KAL Datasheet HTML 12Page - ATMEL Corporation AT40KAL Datasheet HTML 13Page - ATMEL Corporation AT40KAL Datasheet HTML 14Page - ATMEL Corporation AT40KAL Datasheet HTML 15Page - ATMEL Corporation AT40KAL Datasheet HTML 16Page - ATMEL Corporation AT40KAL Datasheet HTML 17Page - ATMEL Corporation AT40KAL Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
14
AT40KAL
4263B–AERO–06/03
Clocking Scheme
There are eight Global Clock buses (GCK1 - GCK8) on the AT40KAL FPGA. Each of
the eight dedicated Global Clock buses is connected to one of the dual-use Global
Clock pins. Any clocks used in the design should use global clocks where possible: this
can be done by using Assign Pin Locks to lock the clocks to the Global Clock locations.
In addition to the eight Global Clocks, there are four Fast Clocks (FCK1 - FCK4), two per
edge column of the array for PCI specification. Even the derived clocks can be routed
through the Global network. Access points are provided in the corners of the array to
route the derived clocks into the global clock network. The IDS software tools handle
derived clocks to global clock connections automatically if used.
Each column of an array has a “Column Clock mux” and a “Sector Clock mux”. The Col-
umn Clock mux is at the top of every column of an array and the Sector Clock mux is at
every four cells. The Column Clock mux is selected from one of the eight Global Clock
buses. The clock provided to each sector column of four cells is inverted, non-inverted
or tied off to “0”, using the Sector Clock mux to minimize the power consumption in a
sector that has no clocks. The clock can either come from the Column Clock or from the
Plane 4 express bus (see Figure 10 on page 15). The extreme-left Column Clock mux
has two additional inputs, FCK1 and FCK2, to provide fast clocking to left-side I/Os. The
extreme-right Column Clock mux has two additional inputs as well, FCK3 and FCK4, to
provide fast clocking to right-side I/Os.
The register in each cell is triggered on a rising clock edge by default. Before configura-
tion on power-up, constant “0” is provided to each register’s clock pins. After configura-
tion on power-up, the registers either set or reset, depending on the user’s choice.
The clocking scheme is designed to allow efficient use of multiple clocks with low clock
skew, both within a column and across the core cell array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com