Electronic Components Datasheet Search
  English  ▼

X  

AT40KAL Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT40KAL
Description  Military Reprogrammable FPGAs with FreeRAM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40KAL Datasheet(HTML) 3 Page - ATMEL Corporation

  AT40KAL Datasheet HTML 1Page - ATMEL Corporation AT40KAL Datasheet HTML 2Page - ATMEL Corporation AT40KAL Datasheet HTML 3Page - ATMEL Corporation AT40KAL Datasheet HTML 4Page - ATMEL Corporation AT40KAL Datasheet HTML 5Page - ATMEL Corporation AT40KAL Datasheet HTML 6Page - ATMEL Corporation AT40KAL Datasheet HTML 7Page - ATMEL Corporation AT40KAL Datasheet HTML 8Page - ATMEL Corporation AT40KAL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3
AT40KAL
4263B–AERO–06/03
dard schematic and synthesis tools to create the fastest, most efficient designs avail-
able.
The patented AT40KAL series architecture employs a symmetrical grid of small yet
powerful cells connected to a flexible busing network. Independently controlled clocks
and resets govern every column of cells. The array is surrounded by programmable I/O.
Devices offer 50,000 usable gates, and have 3,056 registers. AT40KAL series FPGAs
utilize a reliable 0.35µ single-poly, 4-metal CMOS process and are 100% factory-tested.
Atmel’s PC- and workstation-based integrated development system (IDS) is used to cre-
ate AT40KAL series designs. Multiple design entry methods are supported.
The Atmel architecture was developed to provide the highest levels of performance,
functional density and design flexibility in an FPGA. The cells in the Atmel array are
small, efficient and can implement any pair of Boolean functions of (the same) three
inputs or any single Boolean function of four inputs. The cell’s small size leads to arrays
with large numbers of cells, greatly multiplying the functionality in each cell. A simple,
high-speed busing network provides fast, efficient communication over medium and
long distances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com