Electronic Components Datasheet Search
  English  ▼

X  

ACEX1K Datasheet(PDF) 5 Page - Altera Corporation

Part # ACEX1K
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ACEX1K Datasheet(HTML) 5 Page - Altera Corporation

  ACEX1K Datasheet HTML 1Page - Altera Corporation ACEX1K Datasheet HTML 2Page - Altera Corporation ACEX1K Datasheet HTML 3Page - Altera Corporation ACEX1K Datasheet HTML 4Page - Altera Corporation ACEX1K Datasheet HTML 5Page - Altera Corporation ACEX1K Datasheet HTML 6Page - Altera Corporation ACEX1K Datasheet HTML 7Page - Altera Corporation ACEX1K Datasheet HTML 8Page - Altera Corporation ACEX1K Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
Altera Corporation
5
ACEX 1K Programmable Logic Device Family Data Sheet
13
Table 5 shows ACEX 1K device performance for more complex designs.
These designs are available as Altera MegaCoreTM functions.
Each ACEX 1K device contains an embedded array and a logic array. The
embedded array is used to implement a variety of memory functions or
complex logic functions, such as digital signal processing (DSP), wide
data-path manipulation, microcontroller applications, and data-
transformation functions. The logic array performs the same function as
the sea-of-gates in the gate array and is used to implement general logic
such as counters, adders, state machines, and multiplexers. The
combination of embedded and logic arrays provides the high
performance and high density of embedded gate arrays, enabling
designers to implement an entire system on a single device.
ACEX 1K devices are configured at system power-up with data stored in
an Altera serial configuration device or provided by a system controller.
Altera offers EPC16, EPC2, EPC1, and EPC1441 configuration devices,
which configure ACEX 1K devices via a serial data stream. Configuration
data can also be downloaded from system RAM or via the Altera
MasterBlasterTM, ByteBlasterMVTM, or BitBlasterTM download cables. After
an ACEX 1K device has been configured, it can be reconfigured in-circuit
by resetting the device and loading new data. Because reconfiguration
requires less than 40 ms, real-time changes can be made during system
operation.
ACEX 1K devices contain an interface that permits microprocessors to
configure ACEX 1K devices serially or in parallel, and synchronously or
asynchronously. The interface also enables microprocessors to treat an
ACEX 1K device as memory and configure it by writing to a virtual
memory location, simplifying device reconfiguration.
Table 5. ACEX 1K Device Performance for Complex Designs
Application
LEs
Used
Performance
Speed Grade
Units
-1
-2
-3
16-bit, 8-tap parallel finite impulse response (FIR)
filter
597
192
156
116
MSPS
8-bit, 512-point Fast Fourier transform (FFT)
function
1,854
23.4
28.7
38.9
µs
113
92
68
MHz
a16450
universal asynchronous
receiver/transmitter (UART)
342
36
28
20.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com