Electronic Components Datasheet Search
  English  ▼

X  

ACEX1K Datasheet(PDF) 18 Page - Altera Corporation

Part # ACEX1K
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ACEX1K Datasheet(HTML) 18 Page - Altera Corporation

Back Button ACEX1K Datasheet HTML 14Page - Altera Corporation ACEX1K Datasheet HTML 15Page - Altera Corporation ACEX1K Datasheet HTML 16Page - Altera Corporation ACEX1K Datasheet HTML 17Page - Altera Corporation ACEX1K Datasheet HTML 18Page - Altera Corporation ACEX1K Datasheet HTML 19Page - Altera Corporation ACEX1K Datasheet HTML 20Page - Altera Corporation ACEX1K Datasheet HTML 21Page - Altera Corporation ACEX1K Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
18
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
Figure 9. ACEX 1K Carry Chain Operation (n-Bit Full Adder)
LUT
a1
b1
Carry Chain
s1
LE1
Register
a2
b2
Carry Chain
s2
LE2
Register
Carry Chain
sn
LEn
Register
an
bn
Carry Chain
Carry-Out
LEn + 1
Register
Carry-In
LUT
LUT
LUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com