Electronic Components Datasheet Search
  English  ▼

X  

ACEX1K Datasheet(PDF) 74 Page - Altera Corporation

Part # ACEX1K
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ACEX1K Datasheet(HTML) 74 Page - Altera Corporation

Back Button ACEX1K Datasheet HTML 70Page - Altera Corporation ACEX1K Datasheet HTML 71Page - Altera Corporation ACEX1K Datasheet HTML 72Page - Altera Corporation ACEX1K Datasheet HTML 73Page - Altera Corporation ACEX1K Datasheet HTML 74Page - Altera Corporation ACEX1K Datasheet HTML 75Page - Altera Corporation ACEX1K Datasheet HTML 76Page - Altera Corporation ACEX1K Datasheet HTML 77Page - Altera Corporation ACEX1K Datasheet HTML 78Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 86 page
background image
74
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
Table 48. EP1K50 Device Interconnect Timing Microparameters
Note (1)
Symbol
Speed Grade
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
tDIN2IOE
3.1
3.7
4.6
ns
tDIN2LE
1.7
2.1
2.7
ns
tDIN2DATA
2.7
3.1
5.1
ns
tDCLK2IOE
1.6
1.9
2.6
ns
tDCLK2LE
1.7
2.1
2.7
ns
tSAMELAB
0.1
0.1
0.2
ns
tSAMEROW
1.5
1.7
2.4
ns
tSAMECOLUMN
1.0
1.3
2.1
ns
tDIFFROW
2.5
3.0
4.5
ns
tTWOROWS
4.0
4.7
6.9
ns
tLEPERIPH
2.6
2.9
3.4
ns
tLABCARRY
0.1
0.2
0.2
ns
tLABCASC
0.8
1.0
1.3
ns
Table 49. EP1K50 External Timing Parameters
Note (1)
Symbol
Speed Grade
Unit
-1
-2
-3
Min
Max
Min
Max
Min
Max
tDRR
8.0
9.5
12.5
ns
tINSU (2)
2.4
2.9
3.9
ns
tINH (2)
0.0
0.0
0.0
ns
tOUTCO (2)
2.0
4.3
2.0
5.2
2.0
7.3
ns
tINSU (3)
2.4
2.9
–
ns
tINH (3)
0.0
0.0
–
ns
tOUTCO (3)
0.5
3.3
0.5
4.1
–
–
ns
tPCISU
2.4
2.9
–
ns
tPCIH
0.0
0.0
–
ns
tPCICO
2.0
6.0
2.0
7.7
–
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com