Electronic Components Datasheet Search
  English  ▼

X  

ATAR090 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATAR090
Description  Low-current Microcontroller for Wireless Communication
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR090 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATAR090 Datasheet HTML 9Page - ATMEL Corporation ATAR090 Datasheet HTML 10Page - ATMEL Corporation ATAR090 Datasheet HTML 11Page - ATMEL Corporation ATAR090 Datasheet HTML 12Page - ATMEL Corporation ATAR090 Datasheet HTML 13Page - ATMEL Corporation ATAR090 Datasheet HTML 14Page - ATMEL Corporation ATAR090 Datasheet HTML 15Page - ATMEL Corporation ATAR090 Datasheet HTML 16Page - ATMEL Corporation ATAR090 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
13
ATAR090/ATAR890
4696D–4BMCU–12/04
VIM Voltage Interrupt Mask bit
•
VIM = 0, voltage monitor interrupt is enabled
•
VIM = 1, voltage monitor interrupt is disabled
VMS Voltage Monitor Status bit
•
VMS = 0, the voltage at the comparator input is below V
ref
•
VMS = 1, the voltage at the comparator input is above V
ref
Figure 12. Internal Supply Voltage Supervisor
Figure 13. External Input Voltage Supervisor
Clock Generation
Clock Module
The ATAR090/ATAR890 contains a clock module with 4 different internal oscillator
types: two RC-oscillators, one 4-MHz crystal oscillator and one 32-kHz crystal oscillator.
The pins OSC1 and OSC2 are the interface to connect a crystal either to the 4-MHz, or
to the 32-kHz crystal oscillator. OSC1 can be used as input for external clocks or to con-
nect an external trimming resistor for the RC-oscillator 2. All necessary circuitry except
the crystal and the trimming resistor is integrated on-chip. One of these oscillator types
or an external input clock can be selected to generate the system clock (SYSCL).
In applications that do not require exact timing, it is possible to use the fully integrated
RC-oscillator 1 without any external components. The RC-oscillator 1 center frequency
tolerance is better than
± 50%. The RC-oscillator 2 is a trimmable oscillator whereby the
oscillator frequency can be trimmed with an external resistor attached between OSC1
and V
DD. In this configuration, the RC-oscillator 2 frequency can be maintained stable
with a tolerance of
± 15% over the full operating temperature and voltage range.
V
DD
Low threshold
Middle threshold
High threshold
VMS = 1
Low threshold
Middle threshold
High threshold
VMS = 0
3.0 V
2.6 V
2.2 V
1.3 V
VMI
VMS = 1
VMS = 0
Positive slope
Negative slope
VMS = 1
VMS = 0
Interrupt negative slope
Interrupt positive slope
Internal reference level
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com