Electronic Components Datasheet Search
  English  ▼

X  

SC431 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC431
Description  Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431 Datasheet(HTML) 1 Page - Semtech Corporation

  SC431 Datasheet HTML 1Page - Semtech Corporation SC431 Datasheet HTML 2Page - Semtech Corporation SC431 Datasheet HTML 3Page - Semtech Corporation SC431 Datasheet HTML 4Page - Semtech Corporation SC431 Datasheet HTML 5Page - Semtech Corporation SC431 Datasheet HTML 6Page - Semtech Corporation SC431 Datasheet HTML 7Page - Semtech Corporation SC431 Datasheet HTML 8Page - Semtech Corporation SC431 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC431
Adjustable Shunt Regulator
Revision: April 23, 2008
The SC431 is a three terminal adjustable shunt
regulator with thermal stability guaranteed over
temperature. The output voltage can be adjusted to any
value from 2.5V (V
REF) to 30V with two external
resistors. The SC431 has a typical dynamic output
impedance of 0.25
Ω. Active output circuitry provides a
very sharp turn on characteristic, making the SC431 an
excellent replacement for zener diodes.
The SC431 shunt regulator is available with four
voltage tolerances (0.5%, 1.0% and 2.0% over T
A = -40°C
to +85°C and 0.5% over T
A = -40°C to +125°C) and two
package options (SOT-23-3 and SO-8). This
allows the designer the opportunity to select the
optimum combination of cost and performance for their
application.
Linear Regulators
Adjustable Supplies
Switching Power Supplies
Battery Operated Computers
Instrumentation
Computer Disk Drives
Wide operating current range 130µA to 150mA
Low dynamic output impedance 0.25
Ω typ.
Trimmed bandgap design + 0.5%
Alternate for TL1431, TL431, LM431 & AS431
Industrial temperature range
Available in SOT-23-3 and SO-8 packages.
Also available in Lead-free, fully WEEE and RoHS
compliant.
Notes:
1) Set V
OUT according to the following equation:
1
R
I
2
R
1
R
1
V
V
REF
REF
OUT
+
 +
=
2) Choose the value for R as follows:
• The maximum limit for R should be such that the
cathode current, I
Z, is greater than the minimum
operating current (130µA) at V
IN(MIN).
• The minimum limit for R should be such that I
Z does
not exceed 150mA under all load conditions, and the
instantaneous turn-on value for I
Z does not exceed
200mA. Both of the following conditions must be met:
mA
200
V
R
(max)
IN
min ≥
(to limit instantaneous turn-on I
Z)
mA
150
I
V
V
R
(min)
OUT
OUT
(max)
IN
min
+
−
≥
(to limit I
Z under normal
operating conditions)
Applications
Typical Application Circuit(1)(2)
Features
Description


Similar Part No. - SC431

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC431 SEMTECH-SC431 Datasheet
111Kb / 6P
ADJUSTABLE SHUNT REGULATOR
logo
ON Semiconductor
SC431A ONSEMI-SC431A Datasheet
417Kb / 17P
Programmable Precision References
February, 2013 ??Rev. 4
SC431A ONSEMI-SC431A Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
SC431AVSNT1G ONSEMI-SC431AVSNT1G Datasheet
408Kb / 17P
Programmable Precision References
April, 2013 ??Rev. 5
SC431AVSNT1G ONSEMI-SC431AVSNT1G Datasheet
377Kb / 17P
Programmable Precision References
June, 2016 ??Rev. 14
More results

Similar Description - SC431

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
Adjustable Shunt Regulator
AX432 ETC-AX432 Datasheet
176Kb / 7P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
Adjustable shunt regulator
logo
List of Unclassifed Man...
GM432 ETC2-GM432 Datasheet
317Kb / 5P
Adjustable Shunt Regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
Adjustable shunt regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
Adjustable shunt regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com