Electronic Components Datasheet Search
  English  ▼

X  

SC431 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC431
Description  Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431 Datasheet(HTML) 2 Page - Semtech Corporation

  SC431 Datasheet HTML 1Page - Semtech Corporation SC431 Datasheet HTML 2Page - Semtech Corporation SC431 Datasheet HTML 3Page - Semtech Corporation SC431 Datasheet HTML 4Page - Semtech Corporation SC431 Datasheet HTML 5Page - Semtech Corporation SC431 Datasheet HTML 6Page - Semtech Corporation SC431 Datasheet HTML 7Page - Semtech Corporation SC431 Datasheet HTML 8Page - Semtech Corporation SC431 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC431
Absolute Maximum Ratings
Electrical Characteristics
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
e
d
o
h
t
a
C
V
Z
1
3V
t
n
e
r
r
u
C
e
d
o
h
t
a
C
s
u
o
n
it
n
o
C
I
Z
0
5
1A
m
t
n
e
r
r
u
C
t
u
p
n
I
e
c
n
e
r
e
f
e
R
I
F
E
R
0
1A
m
T
t
a
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
A
C
°
5
2
=
3
-
3
2
-
T
O
S
8
-
O
S
P
D
7
3
.
0
8
7
.
0
W
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
3
-
3
2
-
T
O
S
8
-
O
S
θ
A
J
6
3
3
3
6
1
W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O
2
-
x
C
1
3
4
C
S
,
1
-
x
C
1
3
4
C
S
,
5
.
-
x
C
1
3
4
C
S
Q
x
C
1
3
4
C
S
T
A
5
8
+
o
t
0
4
-
5
2
1
+
o
t
0
4
-
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
T
J
0
5
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
+
o
t
5
6
-C
°
s
d
n
o
c
e
s
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
L
T
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
E
V
D
S
E
2V
k
,
5
.
-
x
C
1
3
4
C
S
Q
x
C
1
3
4
C
S
1
-
x
C
1
3
4
C
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
RV
F
E
R
V
Z
V
=
F
E
R
I
,
Z
A
m
0
1
=
)
1
(
2
8
4
.
25
9
4
.
27
0
5
.
20
7
4
.
25
9
4
.
20
2
5
.
2V
V
F
E
R
n
o
it
a
i
v
e
D
p
m
e
TV
V
E
D
V
Z
V
=
F
E
R
,I
Z
A
m
0
1
=
)
1
(
87
18
5
2
V
m
n
i
e
g
n
a
h
C
f
o
o
it
a
RI
Z
,
A
m
0
1
=
∆V
Z
V
o
t
V
0
1
=
F
E
R
5
.
0
-7
.
2
-5
.
0
-7
.
2
-V
/
V
m
V
F
E
R
V
n
i
e
g
n
a
h
C
o
t
Z
I
Z
,
A
m
0
1
=
∆V
Z
V
0
1
o
t
V
0
3
=0
.
1
-0
.
2
-0
.
1
-0
.
2
-
t
u
p
n
I
e
c
n
e
r
e
f
e
R
t
n
e
r
r
u
C
I
F
E
R
k
0
1
=
1
R
=
2
R
,
∞,
I
Z
A
m
0
1
=
)
2
(
5
.
04
5
.
04
A
µ
I
F
E
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
a
i
v
e
D
I
)
V
E
D
(
F
E
R
k
0
1
=
1
R
=
2
R
,
∞,
I
Z
A
m
0
1
=
)
2
(
4
.
02
.
14
.
02
.
1
A
µ
e
d
o
h
t
a
C
e
t
a
t
S
-
ff
O
t
n
e
r
r
u
C
I
)
F
F
O
(
Z
V
F
E
R
V
,
V
0
=
Z
V
0
3
=
)
3
(
4
0
.
00
5
.
04
0
.
00
5
.
0A
µ
t
u
p
t
u
O
c
i
m
a
n
y
D
e
c
n
a
d
e
p
m
I
r
Z
V
,
z
H
k
1
<
f
Z
V
=
F
E
R
I
Z
A
m
0
0
1
o
t
A
µ
0
3
1
=
)
1
(
5
2
.
00
5
.
05
2
.
00
5
.
0
g
n
it
a
r
e
p
O
m
u
m
i
n
i
M
t
n
e
r
r
u
C
I
)
N
I
M
(
Z
V
Z
V
=
F
E
R
)
1
(
0
3
10
3
1A
µ
Z
REF
V
V
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied.
Unless specified:T
A = 25°C. Values in bold apply over full operating ambient temperature range.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com