Electronic Components Datasheet Search
  English  ▼

X  

SC431 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC431
Description  Adjustable Shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431 Datasheet(HTML) 3 Page - Semtech Corporation

  SC431 Datasheet HTML 1Page - Semtech Corporation SC431 Datasheet HTML 2Page - Semtech Corporation SC431 Datasheet HTML 3Page - Semtech Corporation SC431 Datasheet HTML 4Page - Semtech Corporation SC431 Datasheet HTML 5Page - Semtech Corporation SC431 Datasheet HTML 6Page - Semtech Corporation SC431 Datasheet HTML 7Page - Semtech Corporation SC431 Datasheet HTML 8Page - Semtech Corporation SC431 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC431
Test Circuit 3
Off-State
Test Circuit 2
V
Z > VREF
Test Circuit 1
V
Z = VREF
Electrical Characteristics (Cont.)
2
-
x
C
1
3
4
C
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
RV
F
E
R
V
Z
V
=
F
E
R
I
,
Z
A
m
0
1
=
)
1
(
5
4
4
.
25
9
4
.
25
4
5
.
2V
V
F
E
R
n
o
it
a
i
v
e
D
p
m
e
TV
V
E
D
V
Z
V
=
F
E
R
,I
Z
A
m
0
1
=
)
1
(
5
10
3
V
m
V
n
i
e
g
n
a
h
C
f
o
o
it
a
R
F
E
R
o
tI
Z
,
A
m
0
1
=
∆V
Z
V
o
t
V
0
1
=
F
E
R
5
.
0
-7
.
2
-V
/
V
m
V
n
i
e
g
n
a
h
C
Z
I
Z
,
A
m
0
1
=
∆V
Z
V
0
1
o
t
V
0
3
=0
.
1
-0
.
2
-
t
n
e
r
r
u
C
t
u
p
n
I
e
c
n
e
r
e
f
e
RI
F
E
R
k
0
1
=
1
R
Ω
=
2
R
,
∞ I
,
Z
A
m
0
1
=
)
2
(
5
.
04
A
µ
I
F
E
R
n
o
it
a
i
v
e
D
e
r
u
t
a
r
e
p
m
e
TI
)
V
E
D
(
F
E
R
k
0
1
=
1
R
Ω
=
2
R
,
∞,I
Z
A
m
0
1
=
)
2
(
4
.
02
.
1
A
µ
t
n
e
r
r
u
C
e
d
o
h
t
a
C
e
t
a
t
S
-
ff
OI
)
F
F
O
(
Z
V
F
E
R
V
,
V
0
=
Z
V
0
3
=
)
3
(
4
0
.
00
5
.
0A
µ
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
c
i
m
a
n
y
Dr
Z
V
,
z
H
k
1
<
f
Z
V
=
F
E
R
I
,
Z
A
m
0
0
1
o
t
A
µ
0
3
1
=
)
1
(
5
2
.
00
5
.
0
Ω
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
m
u
m
i
n
i
MI
)
N
I
M
(
Z
V
Z
V
=
F
E
R
)
1
(
0
3
1A
µ
Z
REF
V
V
∆
∆
Unless specified:T
A = 25°C. Values in bold apply over full operating ambient temperature range.
Notes:
(1) See Test Circuit 1 below.
(2) See Test Circuit 2 below.
(3) See Test Circuit 3 below.
n
i
Mx
a
Ml
o
b
m
y
S
V
,
e
g
a
tl
o
V
e
d
o
h
t
a
C
Z
V
F
E
R
0
3V
I
,t
n
e
r
r
u
C
e
d
o
h
t
a
C
Z
0
3
1
.
00
5
1A
m
Test Circuits
Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com