Electronic Components Datasheet Search
  English  ▼

X  

T6801 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T6801
Description  Single-channel Driver IC with Thermal Monitoring
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6801 Datasheet(HTML) 1 Page - ATMEL Corporation

  T6801 Datasheet HTML 1Page - ATMEL Corporation T6801 Datasheet HTML 2Page - ATMEL Corporation T6801 Datasheet HTML 3Page - ATMEL Corporation T6801 Datasheet HTML 4Page - ATMEL Corporation T6801 Datasheet HTML 5Page - ATMEL Corporation T6801 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
• Input Comparator with Schmitt-trigger Characteristic
• Input Clamping Current Capability of ±10 mA
• Integrated Protection Cells (EMC, ESD, RF) Dedicated to All Input Stages
• Shutdown by Junction-temperature Monitor
• Reset with Hysteresis at Low Voltage
• ESD Protection According to Human Body Model:
±2000V (C = 100 pF, R = 1.5 k
Ω)
• Output Stage:
– Short-circuit Protected
– Load-dump Protected at 1 k
Ω
– Jump Start Possible
1.
Description
The single-channel driver IC includes one non-inverted and current-limited output
stage with an open collector. Thermal shutdown protects the output against critical
junction temperatures. The output can sink a current of 20 mA. The digital input has
Schmitt-trigger function with pull-up resistors to 5V.
Figure 1-1.
Block Diagram
Under-
voltage
detection
7
1
3
NC
4
5
2
NC
V
O
V
S
NC
NC
V
I
GND
Thermal
shutdown
V
S
Single-channel
Driver IC with
Thermal
Monitoring
T6801
Rev. 4761B–AUTO–09/05


Similar Part No. - T6801

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6801 ATMEL-T6801 Datasheet
190Kb / 6P
Single-channel Driver IC with Driver IC with Monitoring
T6801-TAQ ATMEL-T6801-TAQ Datasheet
190Kb / 6P
Single-channel Driver IC with Driver IC with Monitoring
More results

Similar Description - T6801

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6803B TEMIC-U6803B Datasheet
97Kb / 6P
Triple-Driver with Thermal Monitoring
U6805B TEMIC-U6805B Datasheet
117Kb / 5P
Hex-Driver with Thermal Monitoring
logo
ATMEL Corporation
T6801 ATMEL-T6801 Datasheet
190Kb / 6P
Single-channel Driver IC with Driver IC with Monitoring
logo
SMSC Corporation
MON35W42 SMSC-MON35W42 Datasheet
213Kb / 60P
Hardware Monitoring IC with Thermal Diode Interface
logo
ATMEL Corporation
U6803B ATMEL-U6803B Datasheet
148Kb / 7P
Triple-Driver IC with Thermal Monitoring
U6805B ATMEL-U6805B Datasheet
182Kb / 7P
HEX DRIVER IC WITH THERMAL MONITORING
U6803B ATMEL-U6803B_05 Datasheet
165Kb / 6P
Triple Driver IC with Thermal Monitoring
logo
Silicon Touch Technolog...
PS113 SITI-PS113 Datasheet
150Kb / 10P
3-Channel Secondary Monitoring IC
PS232S SITI-PS232S Datasheet
186Kb / 11P
6-Channel Secondary Monitoring IC
logo
Microchip Technology
MCP39F511N MICROCHIP-MCP39F511N Datasheet
889Kb / 61P
Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
10/25/17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com