Electronic Components Datasheet Search
  English  ▼

X  

T6801 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T6801
Description  Single-channel Driver IC with Thermal Monitoring
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6801 Datasheet(HTML) 4 Page - ATMEL Corporation

  T6801 Datasheet HTML 1Page - ATMEL Corporation T6801 Datasheet HTML 2Page - ATMEL Corporation T6801 Datasheet HTML 3Page - ATMEL Corporation T6801 Datasheet HTML 4Page - ATMEL Corporation T6801 Datasheet HTML 5Page - ATMEL Corporation T6801 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
4761B–AUTO–09/05
T6801
5.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Value
Unit
Supply voltage
V
S
7.0
V
Ambient temperature range
T
amb
–40 to +125
°C
Storage temperature range
T
stg
–50 to +150
°C
Maximum junction temperature
T
j
+150
°C
6.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
RthJA
160
K/W
7.
Electrical Characteristics
V
S = 5V ±5%, Tamb = 27°C, reference point pin 2 (GND), unless otherwise specified, see Figure 1-1 on page 1 and Figure 4-1 on page 3.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply, Pin 7
Supply voltage
V
S
4.75
5.25
V
Supply current
Input open
Input closed to GND
I
S
IS
0.8
7
3.2
13
mA
mA
Low-voltage detection threshold
ON
OFF
VTH(ON)
V
TH(OFF)
3.7
3.0
4.6
3.8
V
V
Low-voltage hysteresis
V
hyst
0.55
1.05
V
Temperature shutdown
T
Chip
140
149
°C
Temperature shutdown hysteresis
T
hyst
5°C
Input, Pin 5
Zener-diode protection voltage
I
I = 10 mA
V
I
6.7
8.5
V
Zener-diode clamping current
I
I
±10
mA
Pull-up resistor
R
I
170
250
305
k
Ω
Switching threshold
OFF
ON
V
I
VI
3.3
1.8
V
V
Hysteresis
Vhyst
1.5
V
Output, Pin 4
Zener-diode protection voltage
IO = 10 mA
VO
26.5
V
Integrated capacitor
5pF
Leakage current
ILeak
2.5
µA
Saturation voltage
(IO = 20 mA)
VSat
0.7
V
Current limitation
Ilimit
25
100
mA
Propagation delay
(470 pF, 1 k
Ω, 20V)
td
5µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com