Electronic Components Datasheet Search
  English  ▼

X  

T6801 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # T6801
Description  Single-channel Driver IC with Thermal Monitoring
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6801 Datasheet(HTML) 3 Page - ATMEL Corporation

  T6801 Datasheet HTML 1Page - ATMEL Corporation T6801 Datasheet HTML 2Page - ATMEL Corporation T6801 Datasheet HTML 3Page - ATMEL Corporation T6801 Datasheet HTML 4Page - ATMEL Corporation T6801 Datasheet HTML 5Page - ATMEL Corporation T6801 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
4761B–AUTO–09/05
T6801
4.
Functional Description
4.1
General
ON state: Low level at the input stage activates the output stage.
OFF state: The internal pull-up resistor provides high level to the input comparator and deacti-
vates the output stage.
A 7V Zener diode between input pin and GND is capable of ±10 mA clamping current.
4.2
Current Limitation of the Output Stages and Overtemperature Shutdown
A temperature-dependent current limitation in the range of 25 to 100 mA protects the stage in
case of a short circuit. Additionally, the chip temperature is monitored. For T
Chip > 148°C, the
output is disabled and automatically enabled with a hysteresis of T
Chip > 5°C.
4.3
Transients and Load Dump
An integrated 28V Zener diode protects the output stage against transients and load-dump
(Schaffner pulses). With the help of an external 1 k
Ω resistor, the output transistor is capable of
handling the corresponding current which flows during each of these conditions. Apart from that,
the output is short-circuit and overload protected.
4.4
Low-voltage Detection
When the supply voltage is switched on, a power-on reset pulse is generated internally which
disables the output stage until a defined supply-voltage level is reached. The low-voltage detec-
tion is provided with a hysteresis of V
hyst = 0.5V typically.
Figure 4-1.
Application Schematic
V
S = 5 V
V
I
V
O
C
R
V
Batt
1 k
Ω
470 pF
Load
100 nF
Micro-
controller
T6801



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com